Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB08 Datasheet(PDF) 67 Page - Microchip Technology

Part # MCP48FVB08
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB08 Datasheet(HTML) 67 Page - Microchip Technology

Back Button MCP48FVB08 Datasheet HTML 63Page - Microchip Technology MCP48FVB08 Datasheet HTML 64Page - Microchip Technology MCP48FVB08 Datasheet HTML 65Page - Microchip Technology MCP48FVB08 Datasheet HTML 66Page - Microchip Technology MCP48FVB08 Datasheet HTML 67Page - Microchip Technology MCP48FVB08 Datasheet HTML 68Page - Microchip Technology MCP48FVB08 Datasheet HTML 69Page - Microchip Technology MCP48FVB08 Datasheet HTML 70Page - Microchip Technology MCP48FVB08 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 112 page
background image
 2020 Microchip Technology Inc.
DS20006362A-page 67
MCP48FXBX4/8
The selection of the voltage is specified with the volatile
VRnB:VRnA Configuration bits (see Register 4-2).
There are nonvolatile and volatile VRnB:VRnA Config-
uration bits. On a POR/BOR event, the state of the
nonvolatile VRnB:VRnA Configuration bits is latched
into the volatile VRnB:VRnA Configuration bits.
When the user selects the VDD as reference, the VREF
pin voltage is not connected to the resistor ladder.
FIGURE 5-4:
Reference Voltage Selection
Implementation Block Diagram.
If the VREF pin is selected, then a selection has to be
made between the Buffered and Unbuffered mode.
5.2.1
BUFFERED MODE
The VREF pin voltage may be from 0.01V to VDD – 0.04V.
The input buffer (amplifier) provides low offset voltage,
low noise and a very high input impedance, with only
minor limitations on the input range and frequency
response.
5.2.2
UNBUFFERED MODE
The VREF pin voltage may be from VSS to VDD.
5.2.3
BAND GAP MODE
If the internal band gap is selected, then the external
VREF pin should not be driven and should only use
high-impedance loads.
The band gap output is buffered, but the internal
switches limit the current that the output should source
to the VREF pin. The resistor ladder buffer is used to
drive the band gap voltage for the cases of multiple
DAC outputs. This ensures that the resistor ladders are
always properly sourced when the band gap is
selected.
5.3
Internal Band Gap
The internal band gap is designed to drive the resistor
ladder buffer.
The resistance of a Resistor Ladder (RRL) is targeted to
be 140 k
 (40 k), which means a minimum
resistance of 100 k
.
The band gap selection can be used across the VDD
voltages while maximizing the VOUT voltage ranges.
For VDD voltages below the 2 × Gain × VBG voltage, the
output for the upper codes will be clipped to the VDD
voltage. Table 5-1 shows the maximum DAC register
code given device VDD and Gain bit setting.
Note 1: Any variation or noises on the reference
source can directly affect the DAC output.
The reference voltage needs to be as
clean as possible for accurate DAC
performance.
2: If the VREF pin is tied to the VDD voltage,
the VDD mode (VRnB:VRnA = 00) is
recommended.
Note 1: The Band Gap Voltage (VBG) is 1.22V
typical. The band gap output goes
through the buffer with a 2x gain to
create the VRL voltage. See Table 5-1
for additional information on the
band gap circuit.
VDD
VRL
Band Gap(1)
(1.227V typical)
VDD
VDD
VREF
PDnB:PDnA and
VRnB:VRnA
PDnB:PDnA and
VRnB:VRnA
PDnB:PDnA and
VRnB:VRnA
+
–
Note 1: The voltage source should have a low
output impedance. If the voltage source
has a high output impedance, then the
voltage on the VREF pin is lower than
expected. The resistor ladder has a
typical impedance of 140 k
 and a typical
capacitance of 29 pF.
2: If the VREF pin is tied to the VDD voltage,
the VDD mode (VRnB:VRnA = 00) is
recommended.
TABLE 5-1:
VOUT USING BAND GAP
Max DAC Code(1)
Comment
12-Bit 10-Bit 8-Bit
5.5
1
FFFh 3FFh FFh VOUT(max) = 2.44V(2)
2
FFFh 3FFh FFh VOUT(max) = 4.88V(2)
2.7
1
FFFh 3FFh FFh VOUT(max) = 2.44V(2)
2
8CDh 233h 8Ch ~ 0 to 56% range
Note 1:
Without the VOUT pin voltage being
clipped.
2:
When VBG = 1.22V typical.
3:
Band gap performance achieves full
performance starting from a VDD of 2.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com