Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB08 Datasheet(PDF) 92 Page - Microchip Technology

Part # MCP48FVB08
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB08 Datasheet(HTML) 92 Page - Microchip Technology

Back Button MCP48FVB08 Datasheet HTML 88Page - Microchip Technology MCP48FVB08 Datasheet HTML 89Page - Microchip Technology MCP48FVB08 Datasheet HTML 90Page - Microchip Technology MCP48FVB08 Datasheet HTML 91Page - Microchip Technology MCP48FVB08 Datasheet HTML 92Page - Microchip Technology MCP48FVB08 Datasheet HTML 93Page - Microchip Technology MCP48FVB08 Datasheet HTML 94Page - Microchip Technology MCP48FVB08 Datasheet HTML 95Page - Microchip Technology MCP48FVB08 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 92
 2020 Microchip Technology Inc.
FIGURE 9-1:
MCP48FXBX4/8 Evaluation Board Circuit Using TSSOP20EV.
0
4.7k
0
Two-Wire Jumpers to Connect the
PICkit™ Serial Analyzer (SPI) to Device Pins
1x6 Male Header with 90° Right Angle
MCP48FXBX8-20E/ST
Installed in U3 Footprint
Connected to
Digital Ground
Connected to
Digital Power (VL) Plane
VDD
SDI
SCK
(DGND) Plane
VOUT2
LAT0/HVC
VSS
1.0 µF
4.7k
VOUT0
VREF0
LAT1
VOUT4
VOUT6
VOUT1
VOUT3
VOUT5
VOUT7
VREF1
SDO
CS
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com