Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB08 Datasheet(PDF) 79 Page - Microchip Technology

Part # MCP48FVB08
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB08 Datasheet(HTML) 79 Page - Microchip Technology

Back Button MCP48FVB08 Datasheet HTML 75Page - Microchip Technology MCP48FVB08 Datasheet HTML 76Page - Microchip Technology MCP48FVB08 Datasheet HTML 77Page - Microchip Technology MCP48FVB08 Datasheet HTML 78Page - Microchip Technology MCP48FVB08 Datasheet HTML 79Page - Microchip Technology MCP48FVB08 Datasheet HTML 80Page - Microchip Technology MCP48FVB08 Datasheet HTML 81Page - Microchip Technology MCP48FVB08 Datasheet HTML 82Page - Microchip Technology MCP48FVB08 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 112 page
background image
 2020 Microchip Technology Inc.
DS20006362A-page 79
MCP48FXBX4/8
7.6
Error Condition
The Command Error (CMDERR) bit indicates if the five
Address bits received (AD4:AD0) and the two Com-
mand bits received (C1:C0) are a valid combination (see
Figures 7-1 and 7-2). The CMDERR bit is high if the
combination is valid and low if the combination is invalid.
The Command Error bit will also be low if a write to a
nonvolatile address has been specified and another
SPI command occurs before the CS pin is driven
inactive (VIH).
SPI commands that do not have a multiple of eight
clocks are ignored.
Once an error condition has occurred, any following
commands are ignored. All following SDO bits will be
low until the CMDERR condition is cleared by forcing
the CS pin to the Inactive state (VIH).
7.6.1
ABORTING A TRANSMISSION
All SPI transmissions must have the correct number of
SCK pulses to be executed. The command is not
executed until the complete number of clocks is
received. Some commands also require the CS pin to
be forced inactive (VIH). If the CS pin is forced to the
Inactive state (VIH), the serial interface is reset. Partial
commands are not executed.
SPI is more susceptible to noise than other bus
protocols. The most likely case is that noise corrupts
the value of the data being clocked into the
MCP48FXBX4/8 or the SCK pin is injected with extra
clock pulses. This may cause data to be corrupted in
the device, or a Command Error to occur, since the
address and command bits were not a valid combina-
tion. The extra SCK pulse will also cause the SPI data
(SDI) and clock (SCK) to be out of sync. Forcing the
CS pin to the Inactive state (VIH) resets the serial inter-
face. The SPI interface will ignore activity on the SDI
and SCK pins until the CS pin transition to the Active
state is detected (VIH to VIL or VIH to VIHH).
7.7
WRITE Command
(Normal and High Voltage)
WRITE commands are used to transfer data to the
desired memory location (from the host controller). The
WRITE command can be issued to both the volatile and
nonvolatile memory locations.
WRITE commands can be structured as either single or
continuous.
The format of the command is shown in Figure 7-3
(single) and Figure 7-6 (continuous).
A WRITE command to a volatile memory location
changes that location after a properly formatted WRITE
command has been received.
A WRITE command to a nonvolatile memory location
starts an EEPROM write cycle only after a properly for-
matted WRITE command has been received and the
CS pin transitions to the Inactive state (VIH).
7.7.1
SINGLE WRITE TO VOLATILE
MEMORY
The write operation requires that the CS pin be in the
Active state (VIL). Typically, the CS pin will be in the
Inactive state (VIH) and it is driven to the Active state
(VIL). The 24-bit WRITE command (command byte and
data bytes) is then clocked in on the SCK and SDI pins.
Once all 24 bits have been received, the specified
volatile address is updated. A write will not occur if the
WRITE command is not exactly 24 clock pulses. This
protects against system issues corrupting the
nonvolatile memory locations.
Figures 7-4 and 7-5 show the waveforms for a single
write (depending on the SPI mode).
Note 1: When the MCP48FXBX4/8 devices do not
receive data, it is recommended that the
CS pin be forced to the Inactive Level (VIL).
2: It is also recommended that long continu-
ous command strings be broken down
into single commands or shorter continu-
ous command strings. This reduces the
probability of noise on the SCK pin
corrupting the desired SPI commands.
Note 1: Writes to certain memory locations
depend on the state of the WiperLock™
technology status bits.
2: During device communication, if an
unimplemented address is specified, then
the MCP48FXBX4/8 will generate a
Command Error state. To reset the SPI
state machine, the CS pin must transition
to the Inactive state (VIH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com