Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB08 Datasheet(PDF) 68 Page - Microchip Technology

Part # MCP48FVB08
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB08 Datasheet(HTML) 68 Page - Microchip Technology

Back Button MCP48FVB08 Datasheet HTML 64Page - Microchip Technology MCP48FVB08 Datasheet HTML 65Page - Microchip Technology MCP48FVB08 Datasheet HTML 66Page - Microchip Technology MCP48FVB08 Datasheet HTML 67Page - Microchip Technology MCP48FVB08 Datasheet HTML 68Page - Microchip Technology MCP48FVB08 Datasheet HTML 69Page - Microchip Technology MCP48FVB08 Datasheet HTML 70Page - Microchip Technology MCP48FVB08 Datasheet HTML 71Page - Microchip Technology MCP48FVB08 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 68
 2020 Microchip Technology Inc.
5.4
Output Buffer/VOUT Operation
The output driver buffers the Wiper Voltage (VW) of the
resistor ladder.
The DAC output is buffered with a low-power and pre-
cision output amplifier (op amp). This amplifier provides
a rail-to-rail output with low offset voltage and low
noise. The amplifier’s output can drive the resistive and
high capacitive loads without oscillation. The amplifier
provides a maximum load current, which is enough for
most programmable voltage reference applications.
See Section 1.0 “Electrical Characteristics” for the
specifications of the output amplifier.
Figure 5-5 shows the block diagram of the output driver
circuit.
The user can select the output gain of the output
amplifier. The gain options are:
a)
Gain of 1, when either the VDD, External VREF or
Band Gap mode are used. In case of the Band
Gap mode, the effective gain is 2; see
Section 5.3 “Internal Band Gap”.
b)
Gain of 2, when the External VREF or Internal
Band Gap modes are used. In case of the Band
Gap mode, the effective gain is 4; see
Section 5.3 “Internal Band Gap”.
FIGURE 5-5:
Output Driver Block Diagram.
5.4.1
PROGRAMMABLE GAIN
The amplifier’s gain is controlled by the Gain (G)
Configuration bit (see Register 4-5) and the VRL
reference selection.
The volatile Gain bit value can be modified by:
• POR events
• BOR events
• SPI WRITE commands
5.4.2
OUTPUT VOLTAGE
The volatile DAC register values, along with the
device’s Configuration bits, control the analog VOUT
voltage. The volatile DAC register’s value is unsigned
binary. The formula for the output voltage is given in
Equation 5-2. Table 5-5 shows examples of volatile
DAC register values and the corresponding theoretical
VOUT voltage for the MCP48FXBX4/8 devices.
EQUATION 5-2:
CALCULATING OUTPUT
VOLTAGE (VOUT)
The following events update the DAC register value,
and therefore, the analog Voltage Output (VOUT):
•POR
•BOR
• WRITE command
The VOUT voltage starts driving to the new value after
the event has occurred.
5.4.3
STEP VOLTAGE (VS)
The step voltage depends on the device resolution and
the calculated output voltage range. One LSb is
defined as the ideal voltage difference between two
successive codes. The step voltage can be easily cal-
culated by using Equation 5-3 (DAC register value is
equal to 1). Theoretical step voltages are shown in
Table 5-2 for several VREF voltages.
EQUATION 5-3:
VS CALCULATION
Note:
The load resistance must be kept higher
than 5 k
 for the stable and expected
analog
output
(to
meet
electrical
specifications).
VW
Gain
(1x or 2x)
VOUT
PDnB:PDnA
VDD
PDnB:PDnA
+
Note:
When Gain = 2 (VRL= VREF) and if
VREF > VDD/2, the VOUT voltage will be
limited to VDD. So if VREF = VDD, then the
VOUT voltage will not change for volatile
DAC register values midscale and
greater, since the op amp is at full-scale
output.
Where:
# Resistors in R-Ladder = 4096 (MCP48FXB2X)
1024 (MCP48FXB1X)
256 (MCP48FXB0X)
VOUT
VRL DAC Register Value
# Resistor in Resistor Ladder
----------------------------------------------------------------------Gain
=
Where:
# Resistors in R-Ladder = 4096 (12-bit)
1024 (10-bit)
256 (8-bit)
VS
VRL
# Resistor in Resistor Ladder
----------------------------------------------------------------------Gain
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com