Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB08 Datasheet(PDF) 83 Page - Microchip Technology

Part # MCP48FVB08
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB08 Datasheet(HTML) 83 Page - Microchip Technology

Back Button MCP48FVB08 Datasheet HTML 79Page - Microchip Technology MCP48FVB08 Datasheet HTML 80Page - Microchip Technology MCP48FVB08 Datasheet HTML 81Page - Microchip Technology MCP48FVB08 Datasheet HTML 82Page - Microchip Technology MCP48FVB08 Datasheet HTML 83Page - Microchip Technology MCP48FVB08 Datasheet HTML 84Page - Microchip Technology MCP48FVB08 Datasheet HTML 85Page - Microchip Technology MCP48FVB08 Datasheet HTML 86Page - Microchip Technology MCP48FVB08 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 112 page
background image
 2020 Microchip Technology Inc.
DS20006362A-page 83
MCP48FXBX4/8
7.8
READ Command
(Normal and High Voltage)
The READ command is a 24-bit command and is used
to transfer data from the specified memory location to
the host controller. The READ command can be issued
to both the volatile and nonvolatile memory locations.
The format of the command, as well as an example of
SDI and SDO data, are shown in Figure 7-7.
The first seven bits of the READ command determine
the address and the command. The 8th clock will out-
put the CMDERR bit on the SDO pin. By means of the
remaining 16 clocks, the device will transmit the data
bits of the specified address (AD4:AD0).
During an EEPROM write cycle (write to nonvolatile
memory location or enable/disable Configuration bit
command), the READ command can only read the
volatile memory locations. By reading the Status
register (0Ah), the host controller can determine when
the write cycle has been completed (via the state of the
EEWA bit).
The READ command formats include:
• Single Read
• Continuous Reads
7.8.1
LAT PIN INTERACTION
During a READ command of the DACn registers, if the
LAT pin transitions from VIH to VIL, then the read data
may be corrupted. This is due to the fact that the data
being read are the output value and not the DAC
register value. The LAT pin transition causes an update
of the output value. Based on the DAC output value,
the DACn register value and the Command bit where
the LAT pin transitions, the value being read could be
corrupted.
If LAT pin transitions occur during a read of the DACn
register, it is recommended that sequential reads be
performed until the two most recent read values match.
Then the most recent read data are good.
7.8.2
SINGLE READ
The READ command operation requires that the
CS pin be in the Active state (VIL). Typically, the CS
pin will be in the Inactive state (VIH) and is driven to
the Active state (VIL). The 24-bit READ command
(command byte and data byte) is then clocked in on
the SCK and SDI pins. The SDO pin starts driving data
on the 8th bit (CMDERR bit) and the addressed data
come out on the 9th through 24th clocks.
FIGURE 7-7:
READ Command – SDI and SDO States.
Note 1: During device communication, if an unim-
plemented address is specified, then the
MCP48FXBX4/8 will command error that
byte. To reset the SPI state machine, the
CS pin must be driven to the VIH state.
2: If the LAT pin is high (VIH), reads of the
volatile DAC register read the output
value, not the internal register.
3: The READ commands operate the same
regardless of the state of the High-Voltage
Command (HVC) signal.
12-bit data
10-bit data
8-bit data
SDI
AD
4
AD
3
AD
2
AD
1
AD
0
C
1
C
0
X
X
X
X
X
D
11
D
10
D
09
D
08
D
07
D
06
D
05
D
04
D
03
D
02
D
01
D
00
**
**
*
1
1
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
SDO
XX
XX
XX
X
1
00
00
dd
dd
dd
dd
dd
dd Valid(1)
XX
XX
XX
X
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 Invalid(2)
Note 1: The Data bits depend on the resolution of the device: 12-bit = D11:D00, 10-bit = D09:D00, and
8-bit = D07:D00. The unimplemented bits are output as ‘0’ and data are right justified for easy host
controller operation (no data manipulation after reading the register value).
2: If an error condition occurs (CMDERR = 0), all the following SDO bits will be output as ‘0’ until the
CMDERR condition is cleared (the CS pin is forced to the Inactive state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com