Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA992 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 4 Page - Texas Instruments

  OPA992 Datasheet HTML 1Page - Texas Instruments OPA992 Datasheet HTML 2Page - Texas Instruments OPA992 Datasheet HTML 3Page - Texas Instruments OPA992 Datasheet HTML 4Page - Texas Instruments OPA992 Datasheet HTML 5Page - Texas Instruments OPA992 Datasheet HTML 6Page - Texas Instruments OPA992 Datasheet HTML 7Page - Texas Instruments OPA992 Datasheet HTML 8Page - Texas Instruments OPA992 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
1
OUT1
8
V+
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
V±
5
IN2+
Not to scale
A.
D, DDF, PW, and DGK packages are preview only.
Figure 5-2. OPA2992 D, DDF, PW, and DGK
Package(A)
8-Pin SOIC, SOT-23-8, 8-Pin TSSOP, and 8-Pin
VSSOP
Top View
1
OUT1
8
V+
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
V±
5
IN2+
Not to scale
Thermal
Pad
A.
Connect thermal pad to V–.
Figure 5-3. OPA2992 DSG Package(A)
8-Pin WSON With Exposed Thermal Pad
Top View
Table 5-3. Pin Functions: OPA2992
PIN
I/O
DESCRIPTION
NAME
NO.
IN1+
3
I
Noninverting input, channel 1
IN1–
2
I
Inverting input, channel 1
IN2+
5
I
Noninverting input, channel 2
IN2–
6
I
Inverting input, channel 2
OUT1
1
O
Output, channel 1
OUT2
7
O
Output, channel 2
V+
8
—
Positive (highest) power supply
V–
4
—
Negative (lowest) power supply
OPA992, OPA2992, OPA4992
SBOSA10 – JUNE 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA992 OPA2992 OPA4992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com