Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA992 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 4Page - Texas Instruments OPA992 Datasheet HTML 5Page - Texas Instruments OPA992 Datasheet HTML 6Page - Texas Instruments OPA992 Datasheet HTML 7Page - Texas Instruments OPA992 Datasheet HTML 8Page - Texas Instruments OPA992 Datasheet HTML 9Page - Texas Instruments OPA992 Datasheet HTML 10Page - Texas Instruments OPA992 Datasheet HTML 11Page - Texas Instruments OPA992 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
6.7 Electrical Characteristics
For VS = (V+) – (V–) = 2.7 V to 40 V (±1.35 V to ±20 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and
VO UT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VCM = V–
±0.2
±1
mV
TA = –40°C to 125°C
±1.2
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C
±0.5
µV/
℃
PSRR
Input offset voltage versus
power supply
VCM = V–, VS = 4 V to 40 V
TA = –40°C to 125°C
±0.1
±1.3
μV/V
VCM = V–, VS = 2.7 V to 40 V
±0.3
±3
DC channel separation
1
µV/V
INPUT BIAS CURRENT
IB
Input bias current
±10
pA
IOS
Input offset current
±5
pA
NOISE
EN
Input voltage noise
f = 0.1 Hz to 10 Hz
2.5
μVPP
0.42
µVRMS
eN
Input voltage noise density
f = 1 kHz
6
nV/√Hz
f = 10 kHz
4
iN
Input current noise
f = 1 kHz
2
fA/√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
(V–)
(V+)
V
CMRR
Common-mode rejection
ratio
VS = 40 V, (V–) – 0.1 V < VCM
< (V+) – 2 V (PMOS pair)
TA = –40°C to 125°C
100
115
dB
VS = 4 V, (V–) – 0.1 V < VCM
< (V+) – 2 V (PMOS pair)
75
90
VS = 2.7 – 40 V, (V+) – 1 V
< VCM < (V+) + 0.1 V (NMOS
pair)
80
(V+) – 2 V < VCM < (V+) – 1 V TA = –40°C to 125°C
TBD
INPUT CAPACITANCE
ZID
Differential
100 || 9
MΩ || pF
ZICM
Common-mode
6 || 1
TΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 40 V, VCM = VS / 2,
(V–) + 0.1 V < VO < (V+) –
0.1 V
120
136
dB
TA = –40°C to 125°C
136
VS = 4 V, VCM = VS / 2,
(V–) + 0.1 V < VO < (V+) –
0.1 V
104
130
TA = –40°C to 125°C
125
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
10
MHz
SR
Slew rate
VS = 40 V, G = +1, CL = 20 pF
35
V/μs
tS
Settling time
To 0.1%, VS = 40 V, VSTEP = 10 V , G = +1, CL = 20 pF
0.9
μs
To 0.1%, VS = 40 V, VSTEP = 2 V , G = +1, CL = 20 pF
0.33
To 0.01%, VS = 40 V, VSTEP = 10 V , G = +1, CL = 20 pF
1
To 0.01%, VS = 40 V, VSTEP = 2 V , G = +1, CL = 20 pF
0.5
Phase margin
G = +1, RL = 10 kΩ, CL = 20 pF
60
°
Overload recovery time
VIN × gain > VS
500
ns
THD+N
Total harmonic distortion +
noise
VS = 40 V, VO = 3 VRMS, G = 1, f = 1 kHz
0.00005%
VS = 10 V, VO = 3 VRMS, G = 1, f = 1 kHz, RL = 600 Ω
0.0022%
VS = 10 V, VO = 0.4 VRMS, G = 1, f = 1 kHz, RL = 32 Ω
0.0007%
OPA992, OPA2992, OPA4992
SBOSA10 – JUNE 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA992 OPA2992 OPA4992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com