Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA992 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 7Page - Texas Instruments OPA992 Datasheet HTML 8Page - Texas Instruments OPA992 Datasheet HTML 9Page - Texas Instruments OPA992 Datasheet HTML 10Page - Texas Instruments OPA992 Datasheet HTML 11Page - Texas Instruments OPA992 Datasheet HTML 12Page - Texas Instruments OPA992 Datasheet HTML 13Page - Texas Instruments OPA992 Datasheet HTML 14Page - Texas Instruments OPA992 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
7.3 Feature Description
7.3.1 Phase Reversal Protection
The OPAx992 family has internal phase-reversal protection. Many op amps exhibit a phase reversal when the
input is driven beyond its linear common-mode range. This condition is most often encountered in non-inverting
circuits when the input is driven beyond the specified common-mode voltage range, causing the output to
reverse into the opposite rail. The OPAx992 is a rail-to-rail input op amp; therefore, the common-mode range
can extend up to the rails. Input signals beyond the rails do not cause phase reversal; instead, the output limits
into the appropriate rail. For more information on phase reversal, see Op Amps With Complementary-Pair Input
Stages application note.
7.3.2 Typical Specifications and Distributions
Designers often have questions about a typical specification of an amplifier in order to design a more robust
circuit. Due to natural variation in process technology and manufacturing procedures, every specification of an
amplifier will exhibit some amount of deviation from the ideal value, like an amplifier's input offset voltage. These
deviations often follow Gaussian ("bell curve"), or normal distributions, and circuit designers can leverage this
information to guardband their system, even when there is not a minimum or maximum specification in the
Electrical Characteristics table.
1
1
1
1
1
1
1
1
1
0.00002%
1
1
1
0.00002%
-1
-21
-31
-41
-51
-61
+1
+21
+31
+41
+51
+61
34.13% 13.59%
34.13%
13.59%
2.145%
2.145% 0.13185%
0.13185%
0.00312%
0.00312%
Figure 7-1. Ideal Gaussian Distribution
Figure 7-1 shows an example distribution, where µ, or mu, is the mean of the distribution, and where σ,
or sigma, is the standard deviation of a system. For a specification that exhibits this kind of distribution,
approximately two-thirds (68.26%) of all units can be expected to have a value within one standard deviation, or
one sigma, of the mean (from µ–σ to µ+σ).
Depending on the specification, values listed in the typical column of the Electrical Characteristics table are
represented in different ways. As a general rule of thumb, if a specification naturally has a nonzero mean
(for example, like gain bandwidth), then the typical value is equal to the mean (µ). However, if a specification
naturally has a mean near zero (like input offset voltage), then the typical value is equal to the mean plus one
standard deviation (µ + σ) in order to most accurately represent the typical value.
You can use this chart to calculate approximate probability of a specification in a unit; for example, for OPAx992,
the typical input voltage offset is 200 µV. So 68.2% of all OPAx992 devices are expected to have an offset from
www.ti.com
OPA992, OPA2992, OPA4992
SBOSA10 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA992 OPA2992 OPA4992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com