Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA992 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 5 Page - Texas Instruments

  OPA992 Datasheet HTML 1Page - Texas Instruments OPA992 Datasheet HTML 2Page - Texas Instruments OPA992 Datasheet HTML 3Page - Texas Instruments OPA992 Datasheet HTML 4Page - Texas Instruments OPA992 Datasheet HTML 5Page - Texas Instruments OPA992 Datasheet HTML 6Page - Texas Instruments OPA992 Datasheet HTML 7Page - Texas Instruments OPA992 Datasheet HTML 8Page - Texas Instruments OPA992 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
1
OUT1
14
OUT4
2
IN1±
13
IN4±
3
IN1+
12
IN4+
4
V+
11
V±
5
IN2+
10
IN3+
6
IN2±
9
IN3±
7
OUT2
8
OUT3
Not to scale
A.
D, PW, and DYY packages are preview only.
Figure 5-4. OPA4992 D, PW, and DYY Package(A)
14-Pin SOIC, 14-Pin TSSOP, and SOT-23-THN-14
Top View
1
IN1±
2
IN1+
3
V+
4
IN2+
5
IN2±
8
IN3±
9
IN3+
10
V±
11
IN4+
12
IN4±
Not to scale
A.
RUC package is preview only.
Figure 5-5. OPA4992 RUC Package(A)
14-Pin X2QFN With Exposed Thermal Pad
Top View
Table 5-4. Pin Functions: OPA4992
PIN
I/O
DESCRIPTION
NAME
SOIC, TSSOP, and
SOT-23-THN
X2QFN
IN1+
3
2
I
Noninverting input, channel 1
IN1–
2
1
I
Inverting input, channel 1
IN2+
5
4
I
Noninverting input, channel 2
IN2–
6
5
I
Inverting input, channel 2
IN3+
10
9
I
Noninverting input, channel 3
IN3–
9
8
I
Inverting input, channel 3
IN4+
12
11
I
Noninverting input, channel 4
IN4–
13
12
I
Inverting input, channel 4
NC
—
—
—
Do not connect
OUT1
1
14
O
Output, channel 1
OUT2
7
6
O
Output, channel 2
OUT3
8
7
O
Output, channel 3
OUT4
14
13
O
Output, channel 4
V+
4
3
—
Positive (highest) power supply
V–
11
10
—
Negative (lowest) power supply
www.ti.com
OPA992, OPA2992, OPA4992
SBOSA10 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA992 OPA2992 OPA4992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com