Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA992 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 12Page - Texas Instruments OPA992 Datasheet HTML 13Page - Texas Instruments OPA992 Datasheet HTML 14Page - Texas Instruments OPA992 Datasheet HTML 15Page - Texas Instruments OPA992 Datasheet HTML 16Page - Texas Instruments OPA992 Datasheet HTML 17Page - Texas Instruments OPA992 Datasheet HTML 18Page - Texas Instruments OPA992 Datasheet HTML 19Page - Texas Instruments OPA992 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
9 Power Supply Recommendations
The OPAx992 is specified for operation from 2.7 V to 40 V (±1.35 V to ±20 V); many specifications apply from
–40°C to 125°C or with specific supply voltages and test conditions.
CAUTION
Supply voltages larger than 40 V can permanently damage the device; see Section 6.1.
Place 0.1-µF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or
high-impedance power supplies. For more detailed information on bypass capacitor placement, refer to Section
10.
10 Layout
10.1 Layout Guidelines
For best operational performance of the device, use good PCB layout practices, including:
• Noise can propagate into analog circuitry through the power pins of the circuit as a whole and op amp itself.
Bypass capacitors are used to reduce the coupled noise by providing low-impedance power sources local to
the analog circuitry.
– Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
• Separate grounding for analog and digital portions of circuitry is one of the simplest and most-effective
methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground planes.
A ground plane helps distribute heat and reduces EMI noise pickup. Make sure to physically separate digital
and analog grounds paying attention to the flow of the ground current.
• In order to reduce parasitic coupling, run the input traces as far away from the supply or output traces as
possible. If these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better as
opposed to in parallel with the noisy trace.
• Place the external components as close to the device as possible. As illustrated in Figure 10-2, keeping RF
and RG close to the inverting input minimizes parasitic capacitance.
• Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
• Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly reduce
leakage currents from nearby traces that are at different potentials.
• Cleaning the PCB following board assembly is recommended for best performance.
• Any precision integrated circuit may experience performance shifts due to moisture ingress into the plastic
package. Following any aqueous PCB cleaning process, baking the PCB assembly is recommended to
remove moisture introduced into the device packaging during the cleaning process. A low temperature, post
cleaning bake at 85°C for 30 minutes is sufficient for most circumstances.
10.2 Layout Example
+
VIN
VOUT
RG
RF
Figure 10-1. Schematic Representation
OPA992, OPA2992, OPA4992
SBOSA10 – JUNE 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA992 OPA2992 OPA4992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com