Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA992 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 9Page - Texas Instruments OPA992 Datasheet HTML 10Page - Texas Instruments OPA992 Datasheet HTML 11Page - Texas Instruments OPA992 Datasheet HTML 12Page - Texas Instruments OPA992 Datasheet HTML 13Page - Texas Instruments OPA992 Datasheet HTML 14Page - Texas Instruments OPA992 Datasheet HTML 15Page - Texas Instruments OPA992 Datasheet HTML 16Page - Texas Instruments OPA992 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The OPAx992 family offers excellent DC precision and AC performance. These devices operate up to 40-V
supply rails and offer true rail-to-rail input/output, low offset voltage and offset voltage drift, as well as 10-MHz
bandwidth and high output drive. These features make the OPAx992 a robust, high-performance operational
amplifier for high-voltage industrial applications.
8.2 Typical Applications
8.2.1 Low-Side Current Measurement
Figure 8-1 shows the OPA992 configured in a low-side current sensing application. For a full analysis of the
circuit shown in Figure 8-1 including theory, calculations, simulations, and measured data, see TI Precision
Design TIPD129, 0-A to 1-A Single-Supply Low-Side Current-Sensing Solution.
V
CC
+
–
120
LOAD
I
LOAD
5.76 k
LM7705
5 V
V
OUT
R
SHUNT
R
F
R
G
OPA992
100 m
Figure 8-1. OPAx992 in a Low-Side, Current-Sensing Application
8.2.1.1 Design Requirements
The design requirements for this design are:
• Load current: 0 A to 1 A
• Output voltage: 4.9 V
• Maximum shunt voltage: 100 mV
8.2.1.2 Detailed Design Procedure
The transfer function of the circuit in Figure 8-1 is given in Equation 1:
OUT
LOAD
SHUNT
V
I
R
Gain
u
u
(1)
The load current (ILOAD) produces a voltage drop across the shunt resistor (RSHUNT). The load current is set
from 0 A to 1 A. To keep the shunt voltage below 100 mV at maximum load current, the largest shunt resistor is
defined using Equation 2:
www.ti.com
OPA992, OPA2992, OPA4992
SBOSA10 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA992 OPA2992 OPA4992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com