Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MPC755 Datasheet HTML 13Page - NXP Semiconductors MPC755 Datasheet HTML 14Page - NXP Semiconductors MPC755 Datasheet HTML 15Page - NXP Semiconductors MPC755 Datasheet HTML 16Page - NXP Semiconductors MPC755 Datasheet HTML 17Page - NXP Semiconductors MPC755 Datasheet HTML 18Page - NXP Semiconductors MPC755 Datasheet HTML 19Page - NXP Semiconductors MPC755 Datasheet HTML 20Page - NXP Semiconductors MPC755 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
17
Electrical and Thermal Characteristics
SRAM. Note that revisions of the MPC755 prior to Rev. 2.8 (Rev. E) were limited in performance, and
were typically limited to 175 MHz with similarly-rated SRAM. For more information, see Section 10.2,
“Part Numbers Not Fully Addressed by This Document.”
Freescale is similarly limited by system constraints and cannot perform tests of the L2 interface on a
socketed part on a functional tester at the maximum frequencies of Table 11. Therefore, functional
operation and AC timing information are tested at core-to-L2 divisors of 2 or greater. Functionality of
core-to-L2 divisors of 1 or 1.5 is verified at less than maximum rated frequencies.
L2 input and output signals are latched or enabled, respectively, by the internal L2CLK (which is SYSCLK
multiplied up to the core frequency and divided down to the L2CLK frequency). In other words, the AC
timings of Table 12 and Table 13 are entirely independent of L2SYNC_IN. In a closed loop system, where
L2SYNC_IN is driven through the board trace by L2SYNC_OUT, L2SYNC_IN only controls the output
phase of L2CLK_OUTA and L2CLK_OUTB which are used to latch or enable data at the SRAMs.
However, since in a closed loop system L2SYNC_IN is held in phase alignment with the internal L2CLK,
the signals of Table 12 and Table 13 are referenced to this signal rather than the not-externally-visible
internal L2CLK. During manufacturing test, these times are actually measured relative to SYSCLK.
The L2SYNC_OUT signal is intended to be routed halfway out to the SRAMs and then returned to the
L2SYNC_IN input of the MPC755 to synchronize L2CLK_OUT at the SRAM with the processor’s
internal clock. L2CLK_OUT at the SRAM can be offset forward or backward in time by shortening or
lengthening the routing of L2SYNC_OUT to L2SYNC_IN. See Freescale Application Note AN1794/D,
Backside L2 Timing Analysis for PCB Design Engineers.
The L2CLK_OUTA and L2CLK_OUTB signals should not have more than two loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com