Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC755 Datasheet HTML 1Page - NXP Semiconductors MPC755 Datasheet HTML 2Page - NXP Semiconductors MPC755 Datasheet HTML 3Page - NXP Semiconductors MPC755 Datasheet HTML 4Page - NXP Semiconductors MPC755 Datasheet HTML 5Page - NXP Semiconductors MPC755 Datasheet HTML 6Page - NXP Semiconductors MPC755 Datasheet HTML 7Page - NXP Semiconductors MPC755 Datasheet HTML 8Page - NXP Semiconductors MPC755 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
4
Freescale Semiconductor
Features
— Three-cycle latency, one-cycle throughput, double-precision add
— Four-cycle latency, two-cycle throughput, double-precision multiply-add
•
System unit
— Executes CR logical instructions and miscellaneous system instructions
— Special register transfer instructions
•
Load/store unit
— One-cycle load or store cache access (byte, half-word, word, double word)
— Effective address generation
— Hits under misses (one outstanding miss)
— Single-cycle unaligned access within double-word boundary
— Alignment, zero padding, sign extend for integer register file
— Floating-point internal format conversion (alignment, normalization)
— Sequencing for load/store multiples and string operations
— Store gathering
— Cache and TLB instructions
— Big- and little-endian byte addressing supported
•
Level 1 cache structure
— 32K, 32-byte line, eight-way set-associative instruction cache (iL1)
— 32K, 32-byte line, eight-way set-associative data cache (dL1)
— Cache locking for both instruction and data caches, selectable by group of ways
— Single-cycle cache access
— Pseudo least-recently-used (PLRU) replacement
— Copy-back or write-through data cache (on a page per page basis)
— MEI data cache coherency maintained in hardware
— Nonblocking instruction and data cache (one outstanding miss under hits)
— No snooping of instruction cache
•
Level 2 (L2) cache interface (not implemented on MPC745)
— Internal L2 cache controller and tags; external data SRAMs
— 256K, 512K, and 1 Mbyte two-way set-associative L2 cache support
— Copy-back or write-through data cache (on a page basis, or for all L2)
— Instruction-only mode and data-only mode
— 64-byte (256K/512K) or 128-byte (1M) sectored line size
— Supports flow through (register-buffer) synchronous BurstRAMs, pipelined (register-register)
synchronous BurstRAMs (3-1-1-1 or strobeless 4-1-1-1) and pipelined (register-register) late
write synchronous BurstRAMs
— L2 configurable to cache, private memory, or split cache/private memory
— Core-to-L2 frequency divisors of ÷1, ÷1.5, ÷2, ÷2.5, and ÷3 supported
— 64-bit data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com