Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPC755 Datasheet HTML 35Page - NXP Semiconductors MPC755 Datasheet HTML 36Page - NXP Semiconductors MPC755 Datasheet HTML 37Page - NXP Semiconductors MPC755 Datasheet HTML 38Page - NXP Semiconductors MPC755 Datasheet HTML 39Page - NXP Semiconductors MPC755 Datasheet HTML 40Page - NXP Semiconductors MPC755 Datasheet HTML 41Page - NXP Semiconductors MPC755 Datasheet HTML 42Page - NXP Semiconductors MPC755 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
39
System Design Information
These capacitors should have a value of 0.01 or 0.1 µF. Only ceramic SMT (surface mount technology)
capacitors should be used to minimize lead inductance, preferably 0508 or 0603 orientations where
connections are made along the length of the part.
In addition, it is recommended that there be several bulk storage capacitors distributed around the PCB,
feeding the VDD, L2OVDD, and OVDD planes, to enable quick recharging of the smaller chip capacitors.
These bulk capacitors should have a low ESR (equivalent series resistance) rating to ensure the quick
response time necessary. They should also be connected to the power and ground planes through two vias
to minimize inductance. Suggested bulk capacitors:100–330 µF (AVX TPS tantalum or Sanyo OSCON).
8.4
Connection Recommendations
To ensure reliable operation, it is highly recommended to connect unused inputs to an appropriate signal
level through a resistor. Unused active low inputs should be tied to OVDD. Unused active high inputs
should be connected to GND. All NC (no connect) signals must remain unconnected.
Power and ground connections must be made to all external VDD, OVDD, L2OVDD, and GND pins of the
MPC755. Note that power must be supplied to L2OVDD even if the L2 interface of the MPC755 will not
be used; it is recommended to connect L2OVDD to OVDD and L2VSEL to BVSEL if the L2 interface is
unused. (This requirement does not apply to the MPC745 since it has neither an L2 interface nor L2OVDD
pins.)
8.5
Output Buffer DC Impedance
The MPC755 60x and L2 I/O drivers are characterized over process, voltage, and temperature. To measure
Z0, an external resistor is connected from the chip pad to (L2)OVDD or GND. Then, the value of each
resistor is varied until the pad voltage is (L2)OVDD/2 (see Figure 22).
The output impedance is the average of two components, the resistances of the pull-up and pull-down
devices. When data is held low, SW2 is closed (SW1 is open), and RN is trimmed until the voltage at the
pad equals (L2)OVDD/2. RN then becomes the resistance of the pull-down devices. When data is held high,
SW1 is closed (SW2 is open), and RP is trimmed until the voltage at the pad equals (L2)OVDD/2. RP then
becomes the resistance of the pull-up devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com