Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button MPC755 Datasheet HTML 36Page - NXP Semiconductors MPC755 Datasheet HTML 37Page - NXP Semiconductors MPC755 Datasheet HTML 38Page - NXP Semiconductors MPC755 Datasheet HTML 39Page - NXP Semiconductors MPC755 Datasheet HTML 40Page - NXP Semiconductors MPC755 Datasheet HTML 41Page - NXP Semiconductors MPC755 Datasheet HTML 42Page - NXP Semiconductors MPC755 Datasheet HTML 43Page - NXP Semiconductors MPC755 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
40
Freescale Semiconductor
System Design Information
Figure 22 describes the driver impedance measurement circuit described above.
Figure 22. Driver Impedance Measurement Circuit
Alternately, the following is another method to determine the output impedance of the MPC755. A voltage
source, Vforce, is connected to the output of the MPC755 as shown in Figure 23. Data is held low, the
voltage source is set to a value that is equal to (L2)OVDD/2 and the current sourced by Vforce is measured.
The voltage drop across the pull-down device, which is equal to (L2)OVDD/2, is divided by the measured
current to determine the output impedance of the pull-down device, RN. Similarly, the impedance of the
pull-up device is determined by dividing the voltage drop of the pull-up, (L2)OVDD/2, by the current sank
by the pull-up when the data is high and Vforce is equal to (L2)OVDD/2. This method can be employed with
either empirical data from a test setup or with data from simulation models, such as IBIS.
RP and RN are designed to be close to each other in value. Then Z0 = (RP + RN)/2.
Figure 23 describes the alternate driver impedance measurement circuit.
Figure 23. Alternate Driver Impedance Measurement Circuit
(L2)OVDD
OGND
RP
RN
Pad
Data
SW1
SW2
(L2)OVDD
(L2)OVDD
BGA
Data
Pin
Vforce
OGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com