Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC755 Datasheet HTML 2Page - NXP Semiconductors MPC755 Datasheet HTML 3Page - NXP Semiconductors MPC755 Datasheet HTML 4Page - NXP Semiconductors MPC755 Datasheet HTML 5Page - NXP Semiconductors MPC755 Datasheet HTML 6Page - NXP Semiconductors MPC755 Datasheet HTML 7Page - NXP Semiconductors MPC755 Datasheet HTML 8Page - NXP Semiconductors MPC755 Datasheet HTML 9Page - NXP Semiconductors MPC755 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
6
Freescale Semiconductor
Electrical and Thermal Characteristics
Packages
MPC745: Surface mount 255 plastic ball grid array (PBGA)
MPC755: Surface mount 360 ceramic ball grid array (CBGA)
Surface mount 360 plastic ball grid array (PBGA)
Core power supply
2.0 V ± 100 mV DC (nominal; some parts support core voltages down to
1.8 V; see Table 3 for recommended operating conditions)
I/O power supply
2.5 V ± 100 mV DC or
3.3 V ± 165 mV DC (input thresholds are configuration pin selectable)
4
Electrical and Thermal Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the MPC755.
4.1
DC Electrical Characteristics
Table 1 through Table 7 describe the MPC755 DC electrical characteristics. Table 1 provides the absolute
maximum ratings.
Table 1. Absolute Maximum Ratings1
Characteristic
Symbol
Maximum Value
Unit
Notes
Core supply voltage
VDD
–0.3 to 2.5
V
4
PLL supply voltage
AVDD
–0.3 to 2.5
V
4
L2 DLL supply voltage
L2AVDD
–0.3 to 2.5
V
4
Processor bus supply voltage
OVDD
–0.3 to 3.6
V
3
L2 bus supply voltage
L2OVDD
–0.3 to 3.6
V
3
Input voltage
Processor bus
Vin
–0.3 to OVDD + 0.3 V
V
2, 5
L2 bus
Vin
–0.3 to L2OVDD + 0.3 V
V
2, 5
JTAG signals
Vin
–0.3 to 3.6
V
Storage temperature range
Tstg
–55 to 150
°C
Notes:
1. Functional and tested operating conditions are given in Table 3. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2. Caution: Vin must not exceed OVDD or L2OVDD by more than 0.3 V at any time including during power-on reset.
3. Caution: L2OVDD/OVDD must not exceed VDD/AVDD/L2AVDD by more than 1.6 V during normal operation. During power-on
reset and power-down sequences, L2OVDD/OVDD may exceed VDD/AVDD/L2AVDD by up to 3.3 V for up to 20 ms, or by 2.5 V
for up to 40 ms. Excursions beyond 3.3 V or 40 ms are not supported.
4. Caution: VDD/AVDD/L2AVDD must not exceed L2OVDD/OVDD by more than 0.4 V during normal operation. During power-on
reset and power-down sequences, VDD/AVDD/L2AVDD may exceed L2OVDD/OVDD by up to 1.0 V for up to 20 ms, or by 0.7 V
for up to 40 ms. Excursions beyond 1.0 V or 40 ms are not supported.
5. This is a DC specifications only. Vin may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com