Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPC755 Datasheet HTML 3Page - NXP Semiconductors MPC755 Datasheet HTML 4Page - NXP Semiconductors MPC755 Datasheet HTML 5Page - NXP Semiconductors MPC755 Datasheet HTML 6Page - NXP Semiconductors MPC755 Datasheet HTML 7Page - NXP Semiconductors MPC755 Datasheet HTML 8Page - NXP Semiconductors MPC755 Datasheet HTML 9Page - NXP Semiconductors MPC755 Datasheet HTML 10Page - NXP Semiconductors MPC755 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
7
Electrical and Thermal Characteristics
Figure 2 shows the allowable undershoot and overshoot voltage on the MPC755.
Figure 2. Overshoot/Undershoot Voltage
The MPC755 provides several I/O voltages to support both compatibility with existing systems and
migration to future systems. The MPC755 core voltage must always be provided at nominal 2.0 V (see
Table 3 for actual recommended core voltage). Voltage to the L2 I/Os and processor interface I/Os are
provided through separate sets of supply pins and may be provided at the voltages shown in Table 2. The
input voltage threshold for each bus is selected by sampling the state of the voltage select pins BVSEL and
L2VSEL during operation. These signals must remain stable during part operation and cannot change. The
output voltage will swing from GND to the maximum voltage applied to the OVDD or L2OVDD power
pins.
Table 2 describes the input threshold voltage setting.
Table 2. Input Threshold Voltage Setting
Part
Revision
BVSEL Signal
Processor Bus
Interface Voltage
L2VSEL Signal
L2 Bus
Interface Voltage
E
0
Not Available
0
Not Available
1
2.5 V/3.3 V
1
2.5 V/3.3 V
Caution: The input threshold selection must agree with the OVDD/L2OVDD voltages supplied.
Note: The input threshold settings above are different for all revisions prior to Rev. 2.8 (Rev. E). For more information,
refer to Section 10.2, “Part Numbers Not Fully Addressed by This Document.”
VIH
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
(L2)OVDD + 20%
VIL
(L2)OVDD
(L2)OVDD + 5%
of tSYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com