Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP33131 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 2 Page - Microchip Technology

  MCP33131 Datasheet HTML 1Page - Microchip Technology MCP33131 Datasheet HTML 2Page - Microchip Technology MCP33131 Datasheet HTML 3Page - Microchip Technology MCP33131 Datasheet HTML 4Page - Microchip Technology MCP33131 Datasheet HTML 5Page - Microchip Technology MCP33131 Datasheet HTML 6Page - Microchip Technology MCP33131 Datasheet HTML 7Page - Microchip Technology MCP33131 Datasheet HTML 8Page - Microchip Technology MCP33131 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
MCP33131/21/11-XX
DS20006122A-page 2
 2018 Microchip Technology Inc.
Application Diagram
Description
The
MCP33131/MCP33121/MCP33111-10
and
MCP33131/MCP33121/MCP33111-05
are
single-ended 16, 14, and 12-bit, single-channel 1 Msps
and 500 kSPS ADC family devices, respectively,
featuring
low
power
consumption
and
high
performance, using a successive approximation
register (SAR) architecture.
The device operates with a 2.5V to 5.1V external
reference (VREF), which supports a wide range of input
full-scale range from 0V to VREF. The reference voltage
setting is independent of the analog supply voltage
(AVDD) and is higher than AVDD. The conversion output
is available through an easy-to-use simple SPI-
compatible 3-wire interface.
The device requires a 1.8V analog supply voltage
(AVDD) and a 1.7V to 5.5V digital I/O interface supply
voltage (DVIO). The wide digital I/O interface supply
(DVIO) range (1.7V - 5.5V) allows the device to
interface with most host devices (Master) available in
the
current
industry
such
as
the
PIC32
microcontrollers, without using external voltage level
shifters.
When the device is first powered-up, it performs a
self-calibration to minimize offset, gain and linearity
errors. The device performance stays stable across the
specified temperature range. However, when extreme
changes in the operating environment, such as in the
reference voltage, are made with respect to the initial
conditions (e.g. the reference voltage was not fully
settled during the initial power-up sequence), the user
may send a recalibrate command anytime to initiate
another
self-calibration
to
restore
optimum
performance.
When the initial power-up sequence is completed, the
device enters a low-current input acquisition mode,
where sampling capacitors are connected to the input
pins. This mode is called Standby.
During Standby, most of the internal analog circuitry is
shutdown in order to reduce current consumption.
Typically, the device consumes less than 1 µA during
Standby. A new conversion is started on the rising edge
of CNVST. When the conversion is complete and the
host lowers CNVST, the output data is presented on
SDO, and the device enters Standby to begin acquiring
the next input sample. The user can clock out the ADC
output data using the SPI-compatible serial clock
during Standby.
The ADC system clock is generated by an internal
on-chip clock, therefore the conversion is performed
independent of the SPI serial clock (SCLK).
This device can be used for various high-speed and
high-accuracy
analog-to-digital
data
conversion
applications, where design simplicity, low power, and
no output latency are needed.
The device is AEC-Q100 qualified for automotive
applications
and
operates
over
the
extended
temperature range of -40°C to +125°C. The available
package options are Pb-free TDFN-10 and MSOP-10.
1.7 nF
22Ω
(0V to VREF)
AIN+
AIN-
VREF AVDD DVIO
SDI
SCLK
SDO
CNVST
2.5V to 5.1V 1.8V 1.7V to 5.5V
GND
(PIC32MZ)
Host Device
MCP331x1-XX
Analog Input
Ground Reference of
Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com