Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP33131 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP33131 Datasheet HTML 25Page - Microchip Technology MCP33131 Datasheet HTML 26Page - Microchip Technology MCP33131 Datasheet HTML 27Page - Microchip Technology MCP33131 Datasheet HTML 28Page - Microchip Technology MCP33131 Datasheet HTML 29Page - Microchip Technology MCP33131 Datasheet HTML 30Page - Microchip Technology MCP33131 Datasheet HTML 31Page - Microchip Technology MCP33131 Datasheet HTML 32Page - Microchip Technology MCP33131 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
 2018 Microchip Technology Inc.
DS20006122A-page 29
MCP33131/MCP33121/MCP33111-XX
5.0
PIN FUNCTION DESCRIPTIONS
TABLE 5-1:
PIN FUNCTION TABLE
5.1
Supply Voltages (AVDD, DVIO)
The device has two power supply pins:
(a) Analog power supply (AVDD): 1.8V
(b) Digital input/output interface power supply (DVIO):
1.7V to 5.5V.
The large supply voltage range of DVIO allows the
device to interface with various host devices that are
operating with different supply voltages. See Table 1-2
for timing specifications for I/O interface signal
parameters depending on DVIO voltage.
5.2
Reference Voltage (VREF)
The device requires a single-ended external reference
voltage (VREF). The external input reference range is
from 2.5V to 5.1V. This reference voltage sets the
input full-scale range from 0V to VREF. See Figure 6-1
to Figure 6-2 for example application circuit and
reference voltage settings.
5.2.1
VOLTAGE REFERENCE
SELECTION
The performance of the voltage reference has a large
impact on the accuracy of high-precision data
acquisition systems. The voltage reference should
have high-accuracy, low-noise, and low-temperature
drift. A ±0.1% output accuracy of the reference directly
corresponds to ±0.1% absolute accuracy of the ADC
output. The RMS output noise voltage of the reference
should be less than 1/2 LSB of the ADC.
Pin Number
Pin Name
Function
1
VREF
Reference voltage input (2.5V - 5.1V).
This pin should be decoupled with a 10
F tantalum capacitor.
2AVDD
DC supply voltage input for analog section (1.8V).
This pin should be decoupled with a 1
F ceramic capacitor.
3AIN+
Analog input.
4AIN-
Ground reference pin for analog input. Connect this pin to the ground reference of the
analog input.
5
GND
Power supply ground reference. This pin is a common ground for both the analog
power supply (AVDD) and digital I/O supply (DVIO).
6
CNVST
Conversion-start control and active-low SPI chip-select digital input.
A new conversion is started on the rising edge of CNVST.
When the conversion is complete, output data is available at SDO by lowering CNVST.
7
SDO
SPI-compatible serial digital data output: ADC conversion data is shifted out by SCLK
clock, with MSB first.
8
SCLK
SPI-compatible serial data clock digital input.
The ADC output is synchronously shifted out by this clock.
9
SDI
SPI-compatible serial data digital input. Tie to DVIO for normal operation.
10
DVIO
DC supply voltage for digital input/output interface (1.7V - 5.5V).
This pin should be decoupled with a 0.1
F ceramic capacitor.
Note:
Proper decoupling capacitors (1
F to
AVDD, 0.1 F to DVIO) should be mounted
as close as possible to the respective
pins. See Figure 6-1 for example circuit.
Note:
The reference pin needs a tantalum
decoupling capacitor (10
F, 10V rating).
Additional multiple ceramic capacitors can
be added in
parallel
to
decouple
high-frequency noises.
Note:
During the initial power-up sequence, the
reference
voltage
(VREF) must be
provided prior to supplying AVDD or within
about 64 ms after supplying AVDD.
Otherwise, it is strongly recommended to
send
a
recalibrate
command.
See
Section 7.1 “Recalibrate Command” for
more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com