Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP33131 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP33131 Datasheet HTML 26Page - Microchip Technology MCP33131 Datasheet HTML 27Page - Microchip Technology MCP33131 Datasheet HTML 28Page - Microchip Technology MCP33131 Datasheet HTML 29Page - Microchip Technology MCP33131 Datasheet HTML 30Page - Microchip Technology MCP33131 Datasheet HTML 31Page - Microchip Technology MCP33131 Datasheet HTML 32Page - Microchip Technology MCP33131 Datasheet HTML 33Page - Microchip Technology MCP33131 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
DS20006122A-page 30
 2018 Microchip Technology Inc.
MCP33131/MCP33121/MCP33111-XX
6.0
DEVICE OVERVIEW
The device converts unipolar single-ended analog
input into unipolar straight binary codes.
When the MCP33131/MCP33121/MCP33111-XX is
first powered-up, it performs a self-calibration and
enters a low current input acquisition mode (Standby)
by itself.
The external reference voltage (VREF) ranging from
2.5V to 5.1V sets the input full-scale range (FSR) from
0V to +VREF.
During input acquisition (Standby), the internal input
sampling capacitors are connected to the input signal,
while most of the internal analog circuits are shutdown
to save power. During this input acquisition time
(tACQ), the device consumes less than 1 A.
The user can operate the device with an easy-to-use
SPI-compatible 3-wire interface.
The device initiates data conversion on the rising edge
of the conversion-start control (CNVST). The data con-
version time (tCNV) is set by the internal clock. Once
the conversion is complete, the device starts the next
input acquisition. During this input acquisition time
(tACQ), the user can clock out the output data by pro-
viding the external SPI serial clock (SCLK).
The device provides conversion data with no missing
codes. This ADC device family has a large input
full-scale range, high precision, high throughput with
no output latency, and is an ideal choice for various
ADC applications.
6.1
Analog Input
Figure shows a simplified equivalent circuit of the
input architecture with a switched capacitor input stage.
The input sampling capacitor (CS+) is about 31 pF. The
back-to-back diodes (D1 - D2) at each input pin are
ESD protection diodes. Note that these ESD diodes are
tied to VREF, so that each input signal can swing from
0V to VREF.
The input sampling and hold circuit in AIN+ path is also
repeated in AIN- path. This allows the device to perform
a pseudo-differential conversion of the input signal.
Therefore, the common mode signal presented at both
input pins is rejected. In applications, AIN+ pin is for the
input signal and AIN- pin is for the ground reference of
the input signal. The user must connect the AIN- pin to
a clean ground plane of the input signal externally.
During input acquisition phase (Standby), the sampling
switches are closed and each input sees the sampling
capacitor (≈ 31 pF) in series with the on-resistance of
the sampling switch, RSON (≈ 200).
For high-precision data conversion applications, the
input voltage needs to be fully settled within 1/2 LSB
during the input acquisition period (tACQ). The settling
time is directly related to the source impedance: A
lower impedance source results in faster input settling
time. Although the device can be driven directly with a
low impedance source, using a low noise input driver is
highly recommended.
Simplified Equivalent Analog Input Circuit.
Note:
The ESD diodes at the analog input pins
are biased from VREF. Any input voltage
outside the absolute maximum range can
turn on the input ESD protection diodes
and results in input leakage current which
may
cause
conversion
errors
and
permanent damage to the device. Care
must be taken in setting the input voltage
ranges so that the input voltage does not
exceed the absolute maximum input
voltage range.
VT = 0.6V
D2
D1
VREF
ILEAKAGE
(~ ±1 nA)
AIN+
MCP331x1-XX
RSON
CPIN
RSON = On-resistance of the sampling switch ≈ 200 
C
PIN
= Package pin + ESD capacitor ≈ 2 pF.
where:
CS+ , CS- = Input sample and hold capacitor ≈ 31 pF.
AIN-
(200
)
SW1+
SW2+
CS
+
(31 pF)
AIN+ = Analog input.
AIN- = Ground reference of analog input.
Sample VIN+
VT = 0.6V
D2
D1
VREF
ILEAKAGE
(~ ±1 nA)
CPIN
RSON
(200
)
SW1-
SW2-
CS
-
(31 pF)
Sample VIN-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com