Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP33131 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 4 Page - Microchip Technology

  MCP33131 Datasheet HTML 1Page - Microchip Technology MCP33131 Datasheet HTML 2Page - Microchip Technology MCP33131 Datasheet HTML 3Page - Microchip Technology MCP33131 Datasheet HTML 4Page - Microchip Technology MCP33131 Datasheet HTML 5Page - Microchip Technology MCP33131 Datasheet HTML 6Page - Microchip Technology MCP33131 Datasheet HTML 7Page - Microchip Technology MCP33131 Datasheet HTML 8Page - Microchip Technology MCP33131 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
DS20006122A-page 4
 2018 Microchip Technology Inc.
MCP33131/MCP33121/MCP33111-XX
Analog Inputs
Input Voltage Range
VIN+
-0.1
—
VREF+0.1
V
(Note 2)
Input Full-Scale Voltage Range
FSR
0
—
+VREF
VPP
(Note 2)
Input Sampling Capacitance
CS
—31
—
pF
(Note 1)
-3dB Input Bandwidth
BW-3dB
—25
—
MHz
(Note 1)
Aperture Delay
(Note 1)
—
2.5
—
ns
Time delay between CNVST rising
edge and when input is sampled
Leakage Current at Analog Input Pin
ILEAK_AN_INPUT
—
±2
±200
nA
During input acquisition (tACQ)
System Performance
Sample Rate
(Throughput rate)
fs
—
—
1
Msps
MCP331x1-10
—
—
500
kSPS
MCP331x1-05
Resolution
(No Missing Codes)
16
—
—
Bits
MCP33131-10 and MCP33131-05
14
—
—
Bits
MCP33121-10 and MCP33121-05
12
—
—
Bits
MCP33111-10 and MCP33111-05
Integral Nonlinearity
INL
-6
±2.2
+6
LSB
MCP33131-10 and MCP33131-05
-1.5
±0.55
+1.5
LSB
MCP33121-10 and MCP33121-05
±0.12
LSB
MCP33111-10 and MCP33111-05
Differential Nonlinearity
DNL
-0.98
±0.9
+1.8
LSB
MCP33131-10 and MCP33131-05
-0.8
±0.25
+0.8
LSB
MCP33121-10 and MCP33121-05
-0.3
±0.06
+0.3
LSB
MCP33111-10 and MCP33111-05
Offset Error
±0.1
±2.3
mV
MCP33131-10 and MCP33131-05
—
±0.125
±3
mV
MCP33121-10 and MCP33121-05
—
±0.8
±3.66
mV
MCP33111-10 and MCP33111-05
Offset Error Drift with Temperature
—
±0.8
—
V/oC
Gain Error
GER
—
±4
—
LSB
MCP33131-10 and MCP33131-05
—
±1
—
LSB
MCP33121-10 and MCP33121-05
—
±0.2
—
LSB
MCP33111-10 and MCP33111-05
Gain Error Drift with temperature
—
±0.35
—
V/oC
Input Common-Mode
Rejection Ratio
CMRR
—
84
—
dB
Power Supply Rejection Ratio
PSRR
—
60
—
dB
(Note 4)
TABLE 1-1:
KEY ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all parameters apply for TA = -40°C to +125°C, AVDD = 1.8V, DVIO = 3.3V, VREF =5V,
GND = 0V, Analog Input (VIN) = -1 dBFS sine wave, fIN =10 kHz, CLOAD_SDO = 20 pF.
• MCP331x1-10: Sample Rate (fS) = 1 Msps, SPI Clock Input (SCLK) = 60 MHz.
• MCP331x1-05: Sample Rate (fS) = 500 kSPS, SPI Clock Input (SCLK) = 30 MHz.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note
1: This parameter is ensured by design and not 100% tested.
2: This parameter is ensured by characterization and not 100% tested.
3: Decoupling capacitor is recommended on the following pins:
(a) AVDD pin: 1 F ceramic capacitor, (b) DVIO pin: 0.1 F ceramic capacitor, (c) VREF pin: 10 F tantalum capacitor.
4: PSRR (dB) = -20 log (DVOUT/AVDD), where DVOUT = change in conversion result.
5: ENOB = (SINAD - 1.76)/6.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com