Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP33131 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP33131 Datasheet HTML 35Page - Microchip Technology MCP33131 Datasheet HTML 36Page - Microchip Technology MCP33131 Datasheet HTML 37Page - Microchip Technology MCP33131 Datasheet HTML 38Page - Microchip Technology MCP33131 Datasheet HTML 39Page - Microchip Technology MCP33131 Datasheet HTML 40Page - Microchip Technology MCP33131 Datasheet HTML 41Page - Microchip Technology MCP33131 Datasheet HTML 42Page - Microchip Technology MCP33131 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
 2018 Microchip Technology Inc.
DS20006122A-page 39
MCP33131/MCP33121/MCP33111-XX
7.1
Recalibrate Command
The user may use the recalibrate command in the
following cases:
• When the reference voltage was not fully settled
during the first-power sequence.
• During operation, to ensure optimum performance
across varying environment conditions, such as
reference voltage and temperature.
A self-calibration is initiated by sending the recalibrate
command. The host device sends a recalibrate
command by transmitting 1024 SCLK pulses (including
the clocks for data bits) while the device is in the
acquisition phase (Standby).
The device drives SDO low during the recalibration
procedure, and returns to high-Z once completed. The
status of the recalibration procedure can be monitored
by placing a pull-up on SDO, so that SDO goes high
when the recalibration is complete.
Figure 7-3 shows the recalibrate command timing
diagram. The calibration takes approximately 500 ms
(tCAL).
FIGURE 7-3:
Recalibrate Command Timing Diagram.
Note:
When the device performs a self-calibration, it is important to note that both AVDD and the reference
voltage (VREF) must be stabilized for a correct calibration. This is also true when the device is first
powered-up, the reference voltage (VREF) must be stabilized before self-calibration begins. This means
the VREF must be provided prior to supplying AVDD or within about 64 ms after supplying AVDD.
1024 clocks
Start recalibration
tCAL
16
1
(SPITM Recalibrate command)
Hi-Z
Hi-Z
Note
“Low”
1024
“High” with Pull-up
Hi-Z
ADC Output Data Stream
“High” with Pull-up
2: The 1024 clocks include the clocks for data bits.
tCNV
Complete data reading
Finish recalibration
Device Recalibration
(Note 3)
(Note 2)
1: SDI must remain “High” during the entire recalibration cycle.
(Note 4)
3: SDO outputs “Low” during calibration, and Hi-Z when exiting the calibration.
SDI = DVIO
4: After finishing the recalibration procedure, the device is ready for a new input sampling immediately.
(Note 1)
CNVST
SDO
SCLK
ADC State
23
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com