Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP33131 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP33131 Datasheet HTML 4Page - Microchip Technology MCP33131 Datasheet HTML 5Page - Microchip Technology MCP33131 Datasheet HTML 6Page - Microchip Technology MCP33131 Datasheet HTML 7Page - Microchip Technology MCP33131 Datasheet HTML 8Page - Microchip Technology MCP33131 Datasheet HTML 9Page - Microchip Technology MCP33131 Datasheet HTML 10Page - Microchip Technology MCP33131 Datasheet HTML 11Page - Microchip Technology MCP33131 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
DS20006122A-page 8
 2018 Microchip Technology Inc.
MCP33131/MCP33121/MCP33111-XX
TABLE 1-2:
SERIAL INTERFACE TIMING SPECIFICATIONS
TABLE 1-3:
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all parameters apply for TA = -40°C to +125°C, AVDD = 1.8V, DVIO = 3.3V, GND = 0V,
Analog Input (AIN) = -1 dBFS sine wave, Resolution = 16-bit (MCP33131-10), fIN = 10 kHz, CLOAD_SDO = 20 pF, +25°C is applied for typical value. All
timings are measured at 50%. See Figure 1-1 for timing diagram.
• MCP331x1-10: Sample Rate (fS) = 1 Msps, SPI Clock Input (SCLK) = 60 MHz.
• MCP331x1-05: Sample Rate (fS) = 500 kSPS, SPI Clock Input (SCLK) = 30 MHz.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Serial Clock frequency
fSCLK
—
—
100
MHz
See tSCLK specification
SCLK Period
tSCLK
10
—
—
ns
DVIO ≥ 3.3V, fSCLK = 100 MHz (Max)
12
—
—
ns
DVIO ≥ 2.3V, fSCLK = 83.3 MHz (Max)
16
—
—
ns
DVIO ≥ 1.7V, fSCLK = 62.5 MHz (Max)
SCLK Low Time
tSCLK_L
3—
—
ns
DVIO ≥ 2.3V
4.5
—
—
ns
DVIO ≥ 1.7V
SCLK High Time
tSCLK_H
3—
—
ns
DVIO ≥ 2.3V
4.5
—
—
ns
DVIO ≥ 1.7V
Output Valid from SCLK Low
tDO
——
9.5
ns
DVIO ≥ 3.3V
—
—
12
ns
DVIO ≥ 2.3V
—
—
16
ns
DVIO ≥ 1.7V
Quiet time
tQUIET
10
—
—
ns
(Note 2)
3-Wire Operation:
SDI Valid Setup time
tSU_SDIH_CNV
5
—
—
ns
SDI High to CNVST Rising Edge
CNVST Pulse Width High Time
tCNVH
10
—
—
ns
Output Enable Time
tEN
—
—
10
ns
DVIO ≥ 2.3V
—
—
15
ns
DVIO ≥ 1.7V
Output Disable Time
tDIS
—
—
15
ns
(Note 2)
MCP331x1-10
Sample Rate
fs
—
—
1
Msps
Throughput rate
Input Acquisition Time
(Note 2)
tACQ
290
250
300
—
—
ns
-40°C ≤ TA ≤ 85°C
85°C < TA ≤ 125°C
Data Conversion Time
tCNV
—
—
700
710
750
ns
-40°C ≤ TA ≤ 85°C
85°C < TA ≤ 125°C
Time between Conversions
tCYC
1—
—
µs
tCYC = tACQ + tCNV, fS = 1 Msps
MCP331x1-05
Sample Rate
fs
—
—
500
kSPS
Throughput rate
Input Acquisition Time (Note 2)
tACQ
700
800
—
ns
-40°C ≤ TA ≤ 125°C
Data Conversion Time
tCNV
—
1200
1300
ns
-40°C ≤ TA ≤ 125°C
Time between Conversions
tCYC
2—
—
µs
tCYC = tACQ + tCNV, fS = 500 kSPS
Note
1:
This parameter is ensured by design and not 100% tested.
2:
This parameter is ensured by characterization and not 100% tested.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
—
+125
°C
(Note 1)
Storage Temperature Range
TA
-65
—
+150
°C
(Note 1)
Thermal Package Resistance
Thermal Resistance, MSOP-10
JA
—202
—
°C/W
Thermal Resistance, TDFN-10
JA
—68—
°C/W
Note
1:
The internal junction temperature (Tj) must not exceed the absolute maximum specification of +150oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com