Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HH-A-SVF4-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7G4HH-A-SVF4-R
Description  Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HH-A-SVF4-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7G4HH-A-SVF4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MODEL: R7G4HH-A-SVF4
R7G4HH-A-SVF4 SPECIFICATIONS
ES-7777-B Rev.1 Page 3/11
http://www.m-system.co.jp/
PC CONFIGURATOR
The following parameters can be set with using PC
Configurator Software (model: R7CFG)
Refer to the users manual for the R7CFG for detailed
operation of the software program.
■ SETTINGS FOR INDIVIDUAL CHANNELS
PARAMETER
SETTING RANGE
DEFAULT
SETTING
Validating/
Invalidating
Valid
Invalid
Valid
Input range
-10 - +10 V DC
-5 - +5 V DC
-1 - +1 V DC
0 - 10 V DC
0 - 5 V DC
1 - 5 V DC
0 - 1 V DC
-0.5 - +0.5 V DC
-20 - +20 mA DC
0 - 20 mA DC
4 - 20 mA DC
-10 - +10 V DC
Bias
-320.00 - +320.00 (%) 0.00 (%)
Gain
-3.2000 - +3.2000
1.0000
Zero scale
-32 000 - +32 000
0
Full scale
-32 000 - +32 000
10 000
■ SETTINGS FOR ALL CHANNELS
PARAMETER
SETTING RANGE
DEFAULT
SETTING
Number of times of
averaging
1, 2, 4, 8, 16, 32, 64,
128, 256
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com