Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HH-A-SVF4-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # R7G4HH-A-SVF4-R
Description  Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HH-A-SVF4-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button R7G4HH-A-SVF4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 9Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 10Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 11Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MODEL: R7G4HH-A-SVF4
R7G4HH-A-SVF4 SPECIFICATIONS
ES-7777-B Rev.1 Page 7/11
http://www.m-system.co.jp/
DATA CONVERSION
■ INPUT RANGE AND DATA CONVERSION (FACTORY DEFAULT SETTING)
Analog input data is converted into digital representations of 0 – 100% proportional to each scaled range.
The converted % values are multiplied by 100 and expressed in16 bits.
Overrange input is possible from -15 to +115% of the nominal range.
When the signal exceeds the limit, the data is fixed at -15% or +115%.
• Input Range 0 – 5V DC
Input Value
Input %
Converted Data, Decimal
Converted Data, Hex
≤ -0.75V
-1500
-15%
FA24
0V
0%
0
0
5V
10000
2710
≥ 5.75V
115%
100%
11500
2CEC
11500 (2CEC)
10000 (2710)
-0.75
-1500 (FA24)
5.0
5.75
0
(V)
RESPONSE TIME
Response time of analog input module (R7G4HH-A-SVF4; slave) is time from when 0 to 100% stepwise signal change is applied
to the module until the communication ASIC of the module transmits 90% of input signal.
TCOM: HLS scan time
HLS scan time varies according to communication method, the number of operating slave stations (FS), transmission rate (TBPS),
and the hop count (LF).
· Full-duplex communication
LF = 0
: HLS scan time = 182 x FS x TBPS (sec.)
LF = 1 to 7: HLS scan time = (184 + (144 x LF)) x FS x TBPS (sec.)
· Half-duplex communication
LF = 0
: HLS scan time = 354 x FS x TBPS (sec.)
LF = 1 to 7: HLS scan time = (328 + (144 x LF)) x FS x TBPS (sec.)
TINP: Input unit response time ≤ Delay time of input circuit (Ta) + (Conversion rate x Moving average order) (Tb) + Input internal
processing time (Tc) (HLS scan time x 2)
e.g.
Number of moving average: 1,
Communication: Full-duplex,
Number of operating slave station (FS): 63,
Transmission rate (TBPS): 12Mbps,
the hop count (LF): 0
HLS scan time (TCOM): 182 x 63 x 1 / 12 M = 0.9555 [msec.]
Input unit response time (TINP): Delay time of input circuit (1 msec.) + Conversion rate (0.2 msec.) x Number of moving average
(1 time) + Input internal processing time (0.9555 msec. x 2) = 3.1 [msec.]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com