Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HH-A-SVF4-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7G4HH-A-SVF4-R
Description  Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HH-A-SVF4-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7G4HH-A-SVF4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MODEL: R7G4HH-A-SVF4
R7G4HH-A-SVF4 SPECIFICATIONS
ES-7777-B Rev.1 Page 2/11
http://www.m-system.co.jp/
■Recommended solderless terminal
3.3 (.13) max
mm (inch)
HLS COMMUNICATION
Communication mode: Full-duplex or half-duplex
Network cable
•Shield cable
Full-duplex communication:
ZHY262PS / ZHT262PS (Shinko Seisen Industry Co., Ltd.)
Half-duplex communication:
ZHY221PS (Shinko Seisen Industry Co., Ltd.)
•Dual-shield cable
ZHY262PBA (Shinko Seisen Industry Co., Ltd.)
Transmission distance:
12 Mbps: 100 meters (328 ft)
6 Mbps: 200 meters (656 ft)
(Baud rate configurable with DIP SW; factory default: 12
Mbps)
Note: The above transmission distance is a reference value
when the HLS master unit is one-to-one connected to the
HLS slave unit (R4GHH) with a designated double shielded
cable. The actual distance may differ depending on the
system configuration (types of the master/slave units,
communication cable, the number of slaves connected,
etc.), settings, and/or the installation environment.
Terminating resistor: Built-in (Selected with the DIP SW;
factory default: disabled)
Status indicator: RUN
(Refer to the instruction manual for details.)
Station address: Selectable with rotary switch
(Refer to the instruction manual for details.)
INPUT SPECIFICATIONS
■ DC Current
Input resistor: 50 Ω
Input range: -20 to +20 mA DC, 0 to 20 mA DC,
4 to 20 mA DC
■ Narrow span voltage
Input resistance: ≥ 100 kΩ
Input range: -1 to +1 V DC, 0 to 1 V DC, -0.5 to +0.5 V DC
■ Wide span voltage
Input resistance: ≥ 1 MΩ
Input range: -10 to +10 V DC, -5 to +5 V DC,
0 to 10 V DC, 0 to 5 V DC, 1 to 5 V DC
INSTALLATION
Current consumption
•DC: Approx. 70 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail (35 mm rail)
Weight: 210 g (0.46 lb)
PERFORMANCE
Conversion accuracy: ±0.1 %
Conversion rate: 200 μsec. per 4 channels
Data range: 0 – 10000 of the input range
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Input delay time: ≤ 1 msec. (0 - 90 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input 0 to input 1 to input 2 to input 3 to HLS or FE to
power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com