Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HH-A-SVF4-R Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # R7G4HH-A-SVF4-R
Description  Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HH-A-SVF4-R Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button R7G4HH-A-SVF4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 9Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 10Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 11Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MODEL: R7G4HH-A-SVF4
R7G4HH-A-SVF4 SPECIFICATIONS
ES-7777-B Rev.1 Page 10/11
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FE terminal to ground.
Caution: FE terminal is NOT a protective conductor terminal.
Control
Circuit
5
14
4
5
2
1
■ 3, 4 - 5, 6 PAIR WIRING
(M-System HLS related device standard pin assignment)
1
VH0
VL0
I0
COM0
11
2
10
8
18
9
17
VH3
VL3
I3
COM3
3
VH1
VL1
I1
COM1
13
4
12
6
VH2
VL2
I2
COM2
16
7
15
INPUT 0
INPUT 1
INPUT 2
INPUT 3
Input Circuit
Input Circuit
Input Circuit
Input Circuit
4
5
6
7
8
2
3
NC
TXD+ (TR+)
1 NC
RXD+ (NC)
RXD– (NC)
NC
SLD
TXD– (TR–)
4
5
6
7
8
2
3
NC
1 NC
NC
SLD
6
7
3
24V DC
OV
FE
TXD+ (TR+)
RXD+ (NC)
RXD– (NC)
TXD– (TR–)
HLS 1
HLS 2
POWER SUPPLY
24V DC
Comm. Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com