Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HH-A-SVF4-R Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # R7G4HH-A-SVF4-R
Description  Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HH-A-SVF4-R Datasheet(HTML) 8 Page - M-System Co.,Ltd.

Back Button R7G4HH-A-SVF4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 9Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 10Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 11Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MODEL: R7G4HH-A-SVF4
R7G4HH-A-SVF4 SPECIFICATIONS
ES-7777-B Rev.1 Page 8/11
http://www.m-system.co.jp/
INPUT MODULE
HLS SCAN TIME
TRANSMISSION FROM
SLAVE COMMUNICATION ASIC
TRANSMISSION TO
A HOST (MASTER)
TCOM
TINP
Tb
Tc
Ta
I/O DATA DESCRIPTIONS
Scaling of analog input module is configurable with the configurator software (model: R7CFG). Refer to the software manual for
details.
■ ANALOG INPUT DATA
· Di area
· Do area
ADD.n
(ADD.n)
ADD.n+2
(ADD.n+1)
ADD.n+4
(ADD.n+2)
ADD.n+6
(ADD.n+3)
Data is represented in 16-bit binary.
Negative value is represented in 2's complements.
Assignment for half-duplex communication in parentheses.
CH0
0
15
CH1
0
15
CH2
0
15
CH3
0
15
Unused
0
15
Unused
0
15
Unused
0
15
Unused
0
15
■ STATUS
• Analog input module indicates status of each channel.
Input Range Error
0: Normal operatiion
1: Error
ADC error (no response from ADC)
0: Normal operation
1: Error
Input 0 (Input Range Error (≤ -15%, ≥ +115%) )
Input 1 (Input Range Error (≤ -15%, ≥ +115%) )
Input 2 (Input Range Error (≤ -15%, ≥ +115%) )
Input 3 (Input Range Error (≤ -15%, ≥ +115%) )
Input 3 (ADC error)
Input 0 (ADC error)
Input 1 (ADC error)
Input 2 (ADC error)
Unused (kept at 0)
0
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com