Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HH-A-SVF4-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7G4HH-A-SVF4-R
Description  Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HH-A-SVF4-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7G4HH-A-SVF4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HH-A-SVF4-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MODEL: R7G4HH-A-SVF4
R7G4HH-A-SVF4 SPECIFICATIONS
ES-7777-B Rev.1 Page 1/11
http://www.m-system.co.jp/
Remote I/O R7G4H Series
HI-SPEED LINK SYSTEM I/O MODULE
(HLS-compatible, high-speed DC voltage/current input, 4
points, isolated, screw terminal block)
Functions & Features
• High-speed DC voltage/current input via HLS
• Easy parameter setting of individual channels with M-
System's configurator software
HLS is the abbreviation for “Hi-speed Link System” of Step
Technica Co., Ltd.
55
(2.17)
mm (inch)
57 (2.24)
130 (5.12)
MODEL: R7G4HH-A-SVF4-R[1]
ORDERING INFORMATION
• Code number: R7G4HH-A-SVF4-R[1]
Specify a code from below for [1].
(e.g. R7G4HH-A-SVF4-R/H/E/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
TERMINAL BLOCK
A: Screw terminal block for power supply
RJ-45 Modular jack for communication
Screw terminal block for I/O
I/O TYPE
SVF4: DC voltage /current input (10 V/20 mA),
high-speed, 4 points
POWER INPUT
DC power
R: 24 V DC
(Operational voltage range: ±10 %; ripple 10 %p-p max.)
[1] OPTIONS (multiple selections)
Communication Mode
blank: Full-duplex
/H: Half-duplex
Communication Connector Pin Assignment
Blank: 3, 4 - 5, 6 pair wiring
(M-System HLS related device standard pin assignment)
/E: 4, 5 - 3, 6 pair wiring (Ethernet cable pin assignment)
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7777-SVF4)
RELATED PRODUCTS
• PC configurator software (model: R7CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
HLS: RJ-45 Modular Jack
Power input, input: M3 separable screw terminals
(torque 0.5 N·m)
Screw terminal material: Nickel-plated steel
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Housing material: Flame-resistant resin (gray)
Isolation: Input 0 to input 1 to input 2 to input 3 to HLS or FE
to power
Input bias adjustment: Configurable via R7CFG
Input gain adjustment: Configurable via R7CFG
Input range: Selectable with the DIP SW on the top of the
unit or configurable via R7CFG
Number of times of averaging: Configurable via R7CFG
Status indicator LEDs: PWR and ERR LEDs indicate operating
conditions of the unit. (Refer to the insruction manual for
detail)


Similar Part No. - R7G4HH-A-SVF4-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7G4HH-A-YVF4 MSYSTEM-R7G4HH-A-YVF4 Datasheet
278Kb / 11P
Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
R7G4HH-A-YVF4R MSYSTEM-R7G4HH-A-YVF4R Datasheet
278Kb / 11P
Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
R7G4HH-A-YVF4R/E MSYSTEM-R7G4HH-A-YVF4R/E Datasheet
278Kb / 11P
Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
R7G4HH-A-YVF4R/H MSYSTEM-R7G4HH-A-YVF4R/H Datasheet
278Kb / 11P
Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
R7G4HH-A-YVF4R/Q MSYSTEM-R7G4HH-A-YVF4R/Q Datasheet
278Kb / 11P
Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
More results

Similar Description - R7G4HH-A-SVF4-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7F4DH MSYSTEM-R7F4DH Datasheet
1Mb / 77P
Remote I/O R7F4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7G4HH-A-YVF4 MSYSTEM-R7G4HH-A-YVF4 Datasheet
278Kb / 11P
Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
R7G4HML3-6-PA1 MSYSTEM-R7G4HML3-6-PA1 Datasheet
314Kb / 10P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-STYVS1 MSYSTEM-R7G4HML3-6-STYVS1 Datasheet
252Kb / 9P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-SV4 MSYSTEM-R7G4HML3-6-SV4 Datasheet
254Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7HL MSYSTEM-R7HL Datasheet
1Mb / 55P
Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32A MSYSTEM-R7K4DH-1-DAC32A Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32B MSYSTEM-R7K4DH-1-DAC32B Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32C MSYSTEM-R7K4DH-1-DAC32C Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32D MSYSTEM-R7K4DH-1-DAC32D Datasheet
321Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com