Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVJ2A Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PIMXRT516SCVJ2A
Description  i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVJ2A Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PIMXRT516SCVJ2A Datasheet HTML 13Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 14Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 15Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 16Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 17Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 18Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 19Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 20Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 128 page
background image
Modules list
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products, Rev. 1, 05/2021
NXP Semiconductors
17
OCOTP_CTRL
OTP Controller
Security
The On-Chip OTP controller (OCOTP_CTRL) provides
an interface for reading, programming, and/or overriding
identification and control information stored in on-chip
fuse elements. The module supports electrically
programmable poly fuses (eFUSEs). The
OCOTP_CTRL also provides a set of volatile
software-accessible signals that can be used for
software control of hardware elements, not requiring
non volatility. The OCOTP_CTRL provides the primary
user-visible mechanism for interfacing with on-chip fuse
elements. Among the uses for the fuses are unique chip
identifiers, mask revision numbers, cryptographic keys,
JTAG secure mode, boot characteristics, and various
control signals requiring permanent non volatility.
OCRAM
On-Chip Memory
controller
Memories and
Memory Controllers
The On-Chip Memory controller (OCRAM) module is
designed as an interface between the system’s AXI bus
and the internal (on-chip) SRAM memory module.
OSC
Oscillator
Clock Sources and
Control
Two crystal oscillators:
• 48 MHz crystal oscillator: it is used as primary clock
source for all the PLLs to generate the clock for CPU,
BUS, and high-speed interfaces.
• 32 kHz crystal oscillator: it is the primary clock source
for RTC as well as low speed clock source for
CCM/SRC/GPC.
PDM
Pulse Density Modulation
Multimedia
Peripherals
The PDM supports up to 8-channels (4 lanes) digital
MIC inputs.
PIT1
PIT2
Periodical Interrupt Timer
Timer Peripherals
The PIT features 32-bit counter timer, programmable
count modules, clock division features, interrupt
generation, and a slave mode to synchronize count
enable for multiple PITs.
PXP
Pixel Processing Pipeline
Multimedia
Peripherals
A high-performance pixel processor capable of 1
pixel/clock performance for combined operations, such
as color-space conversion, alpha blending, and rotation.
The PXP is enhanced
with features specifically for gray scale applications. In
addition, the PXP supports traditional pixel/frame
processing paths for still-image and video processing
applications.
Quadrature DEC1
Quadrature DEC2
Quadrature DEC3
Quadrature DEC4
Quadrature Decoder
Timer Peripherals
The enhanced quadrature decoder module provides
interfacing capability to position/speed sensors. There
are five input signals: PHASEA, PHASEB, INDEX,
TRIGGER, and HOME. This module is used to decode
shaft position, revolution count, and speed.
Table 3. i.MX RT1170 modules list (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com