Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVJ2A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PIMXRT516SCVJ2A
Description  i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVJ2A Datasheet(HTML) 2 Page - NXP Semiconductors

  PIMXRT516SCVJ2A Datasheet HTML 1Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 2Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 3Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 4Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 5Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 6Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 7Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 8Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 128 page
background image
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products, Rev. 1, 05/2021
2
NXP Semiconductors
i.MX RT1170 introduction
The i.MX RT1170 is specifically useful for applications such as:
•
Industrial Human Machine Interfaces (HMI)
•
Motor Control
•
Home Appliance
•
High-end Audio Appliance
•
Low-end Instrument Cluster
•
Point-of-Sale (PoS)
1.1
Features
The i.MX RT1170 processors are based on Arm Cortex®-M7 Core™ Platform, which has the following
features:
•
The Arm Cortex-M7 Core Platform:
— 32 KB L1 Instruction Cache and 32 KB L1 Data Cache
— Floating Point Unit (FPU) with single-precision and double-precision support of Armv7-M
Architecture FPv5
— Support the Arm®v7-M Thumb instruction set, defined in the Armv7-M architecture
— Integrated Memory Protection Unit (MPU), up to 16 individual protection regions
— Up to 512 KB I-TCM and D-TCM in total
— Frequency of 1 GHz with Forward Body Biasing (FBB)
— Frequency of the core, as per Table 11, "Operating ranges," on page 27.
•The Arm Cortex®-M4 Core platform:
— Cortex-M4 processor with single-precision FPU defined by Armv7-M architecture FPv4-SP
— Integrated MPU with 8 individual protection regions
— 16 KB Instruction Cache, 16 KB Data Cache, and 256 KB TCM
— Frequency of 400 MHz without body biasing
The SoC-level memory system consists of the following additional components:
— Boot ROM (256 KB)
— On-chip RAM (2 MB in total)
– Configurable 512 KB RAM shared with M7 TCM
– 256 KB RAM shared with M4 TCM
– Dedicated 1.25 MB OCRAM
— Secure always-on RAM (4 KB)
•
External memory interfaces:
— 8/16/32-bit SDRAM, up to SDRAM-133/SDRAM-166/SDRAM-200
— 8/16-bit SLC NAND FLASH
—SD/eMMC
— SPI NOR/NAND FLASH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com