Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVJ2A Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PIMXRT516SCVJ2A
Description  i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVJ2A Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PIMXRT516SCVJ2A Datasheet HTML 21Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 22Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 23Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 24Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 25Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 26Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 27Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 28Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
Electrical characteristics
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products, Rev. 1, 05/2021
NXP Semiconductors
25
Power for USB OTG PHYs
VDD_USB_1P8
-0.3
1.98
V
VDD_USB_3P3
-0.3
3.96
V
Power for ADC, DAC, and ACMP
VDDA_ADC_1P8
-0.3
1.98
V
VDDA_ADC_3P3
-0.3
3.96
V
Power for MIPI CSI/DSI PHY
VDD_MIPI_1P8
-0.3
1.98
V
VDD_MIPI_1P0
-0.3
1.2
V
IO supply for GPIO in SDIO1 bank (3.3 V mode)
NVCC_SD1
-0.3
3.96
V
IO supply for GPIO in SDIO1 bank (1.8 V mode)
-0.3
1.98
V
IO supply for GPIO in SDIO2 bank (3.3 V mode)
NVCC_SD2
-0.3
3.96
V
IO supply for GPIO in SDIO2 bank (1.8 V mode)
-0.3
1.98
V
IO supply for GPIO in EMC bank1 (3.3 V mode)
NVCC_EMC1
-0.3
3.96
V
IO supply for GPIO in EMC bank1 (1.8 V mode)
-0.3
1.98
V
IO supply for GPIO in EMC bank2 (3.3 V mode)
NVCC_EMC2
-0.3
3.96
V
IO supply for GPIO in EMC bank2 (1.8 V mode)
-0.3
1.98
V
IO power for GPIO in GPIO AD bank (3.3 V mode)
NVCC_GPIO
-0.3
3.96
V
IO power for GPIO in GPIO AD bank (1.8 V mode)
-0.3
1.98
V
IO supply for GPIO in DISP1 bank (3.3 V mode)
NVCC_DISP1
-0.3
3.96
V
IO supply for GPIO in DISP1 bank1 (1.8 V mode)
-0.3
1.98
V
IO supply for GPIO in DISP2 bank (3.3 V mode)
NVCC_DISP2
-0.3
3.96
V
IO supply for GPIO in DISP2 bank1 (1.8 V mode)
-0.3
1.98
V
IO power for GPIO in LPSR bank (3.3 V mode)
NVCC_LPSR
-0.3
3.96
V
IO power for GPIO in LPSR bank (1.8 V mode)
-0.3
1.98
V
IO power for GPIO in SNVS bank (1.8 V mode)
NVCC_SNVS
-0.3
1.98
V
Input/Output Voltage range
Vin/Vout
-0.5
NVCC + 0.31
V
Storage Temperature range
TSTORAGE
-40
150
o C
1 NVCC is the I/O supply voltage.
Table 9. Electrostatic discharge and latch-up characteristics
Symbol
Description
Min
Max
Unit
Notes
VHBM
Electrostatic discharge voltage, human body model
-2000
+2000
V
1
VESD
Electrostatic discharge voltage, charged-device model
All pins except the corner pins
-500
+500
V
2
ILAT
Immunity level:
• Class II @95 oC ambient temperature
-100
+100
mA
3
Table 8. Absolute maximum ratings (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com