Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVJ2A Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PIMXRT516SCVJ2A
Description  i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVJ2A Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PIMXRT516SCVJ2A Datasheet HTML 30Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 31Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 32Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 33Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 34Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 35Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 36Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 37Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 128 page
background image
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products, Rev. 1, 05/2021
34
NXP Semiconductors
Electrical characteristics
Set Point #5
Active
• CM7 runs at 240 MHz, lower voltage to 0.9 V
• CM7 domain bus frequency at 100 MHz
• LDO_LPSR_ANA and LDO_LPSR_DIG are
bypassed
• 16 MHz, 400 MHz, external 24 MHz crystal, and
external 32 kHz crystal are enabled
• All PLLs are enabled
• All peripherals are enabled and run at their
maximum clock root frequency under underdrive
mode
DCDC_IN
38.6
54.3
mA
VDD_LPSR_IN
28.2
30.6
A
VDD_SNVS_IN
3.7
7.3
A
Total
127.485
179.315
mW
Set Point #7
Active
• CM7 runs at 200 MHz, lower voltage to 0.9 V
• CM7 domain bus frequency at 100 MHz
• LDO_LPSR_ANA and LDO_LPSR_DIG are
bypassed
• 16 MHz, 400 MHz, and external 32 kHz crystal are
enabled
• All PLLs are power gated
• All peripherals are clocked
DCDC_IN
19.4
34.1
mA
VDD_LPSR_IN
28.1
30.4
A
VDD_SNVS_IN
3.7
7.2
A
Total
64.125
112.654
mW
Set Point #1
Standby
Suspend
• System is on STANDBY mode
• CM7 is on SUSPEND mode
• TCM is on retention
• LDO_LPSR_ANA and LDO_LPSR_DIG are
bypassed
• All clock sources are turned off except for 32 kHz
RTC
• All PLLs are power gated
• All peripherals are clock gated, but remain
powered
DCDC_IN
2.4
9
mA
VDD_LPSR_IN
22.6
38.2
A
VDD_SNVS_IN
3.7
7.2
A
Total
8.007
29.850
mW
Set Point #0
Standby
Suspend
• System is on STANDBY mode
• CM7 is on SUSPEND mode
• TCM is on retention
• LDO_LPSR_ANA and LDO_LPSR_DIG are
bypassed
• All clock sources are turned off except for 32 kHz
RTC
• All PLLs are power gated
• All peripherals are clock gated, but remain
powered
DCDC_IN
1.8
7
mA
VDD_LPSR_IN
22.5
38.3
A
VDD_SNVS_IN
3.7
7.3
A
Total
6.026
23.250
mW
Set Point #5
Standby
Suspend
• System is on STANDBY mode
• CM7 is on SUSPEND mode
• TCM is on retention
• LDO_LPSR_ANA and LDO_LPSR_DIG are
bypassed
• All clock sources are turned off except for 32 kHz
RTC
• All PLLs are power gated
• All peripherals are clock gated, but remain
powered
DCDC_IN
1.4
5.5
mA
VDD_LPSR_IN
22.3
38.2
A
VDD_SNVS_IN
3.7
7.3
A
Total
4.706
18.300
mW
Table 14. Typical power modes current and power consumption (Single core) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com