Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVJ2A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PIMXRT516SCVJ2A
Description  i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVJ2A Datasheet(HTML) 3 Page - NXP Semiconductors

  PIMXRT516SCVJ2A Datasheet HTML 1Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 2Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 3Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 4Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 5Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 6Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 7Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 8Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 128 page
background image
i.MX RT1170 introduction
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products, Rev. 1, 05/2021
NXP Semiconductors
3
— Parallel NOR FLASH with XIP support
— Single/Dual channel Quad SPI FLASH with XIP support
— Hyper RAM/FLASH
—OCT FLASH
— Synchronization mode for all devices
•
Timers and PWMs:
— Six General Programmable Timer (GPT) modules
– 4-channel generic 32-bit resolution timer for each
– Each supports standard capture and compare operation
— Two Periodical Interrupt Timer (PIT) modules
– Four timers for each module
– Generic 32-bit resolution timer
– Periodical interrupt generation
— Four Quad Timer (QTimer) modules
– 4-channel generic 16-bit resolution timer for each
– Each supports standard capture and compare operation
– Quadrature decoder integrated
— Four FlexPWMs
– Up to 8 individual PWM channels for each
– 16-bit resolution PWM suitable for Motor Control applications
— Four Quadrature Decoders
— Four Watch Dog (WDOG) modules
Each i.MX RT1170 processor enables the following interfaces to external devices (some of them are
muxed and not available simultaneously):
•
Display Interface:
— Parallel RGB LCD interface (eLCDIF)
– Support 8/16/24-bit interface
– Support up to WXGA resolution @60fps
– Support Index color with 256 entry x 24-bit color LUT
— Parallel RGB LCD Interface Version 2 (LCDIFv2)
– Enhanced based on LCDIF version
– Support up to 8 layers of alpha blending
— MIPI Display Serial Interface (MIPI DSI)
– PHY integrated
– 2 data lanes interface with up to 1.5 GHz bit rate clock
— Smart LCD Display with 8080 interface through SEMC
•
Audio:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com