Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVJ2A Datasheet(PDF) 69 Page - NXP Semiconductors

Part # PIMXRT516SCVJ2A
Description  i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVJ2A Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button PIMXRT516SCVJ2A Datasheet HTML 65Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 66Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 67Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 68Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 69Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 70Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 71Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 72Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 128 page
background image
Electrical characteristics
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products, Rev. 1, 05/2021
NXP Semiconductors
69
4.6.1
MIPI D-PHY electrical characteristics
The i.MX RT1170 conforms to the MIPI CSI-2 and D-PHY standards for protocol and electrical
specifications.
Compliant with standards:
•
MIPI Alliance Specification for Display Serial Interface Version 1.1 (MIPI DSI controller)
•
MIPI Standard 1.1 for D-PHY (MIPI DSI D-PHY)
•
Compatible with MIPI Alliance Standard for Camera Serial Interface 2 (CSI-2) Version 1.1
4.6.1.1
MIPI HS-TX specifications
4.6.1.2
MIPI LP-TX specifications
Table 61. MIPI high-speed transmitter DC specifications
Symbol
Parameter
Min
Typ
Max
Unit
VCMTX
1
1 Value when driving into load impedance anywhere in the Z
ID (Differential input impedance) range.
High Speed Transmit Static Common Mode Voltage
150
200
250
mV
|
V
CMTX|(1,0)
VCMTX mismatch when Output is Differential-1 or Differential-0
—
—
5
mV
|VOD|
1
High Speed Transmit Differential Voltage
140
200
270
mV
|
V
OD|VOD mismatch when Output is Differential-1 or Differential-0
—
—
14
mV
VOHHS
1
High Speed Output High Voltage
—
—
360
mV
ZOS
Single Ended Output Impedance
40
50
62.5
Z
OS
Single Ended Output Impedance Mismatch
—
—
10
%
Table 62. MIPI high-speed transmitter AC specifications
Symbol
Parameter
Min
Typ
Max
Unit
V
CMTX(HF)
Common-level variations above 450 MHz
—
—
15
mVRMS
V
CMTX(LF)
Common-level variation between 50-450 MHz
—
—
25
mVPEAK
tR and tF
1
1 UI is the long-term average unit interval.
Rise Time and Fall Time (20% to 80%)
150
—
0.3 x UI
ps
Table 63. MIPI low-power transmitter DC specifications
Symbol
Parameter
Min
Typ
Max
Unit
VOH
1
1 This specification can only be met when limiting the core supply variation from 1.1 V to 1.3 V.
Thevenin Output High Level
1.1
1.2
1.3
V
VOL
Thevenin Output Low Level
-50
—
50
mV
ZOLP
2
Output Impedance of Low Power Transmitter
110
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com