Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2575 Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TC2575
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575 Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC2575 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 12Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TC2575
1.0A Step-Down Switching Regulator
8
TC2575-1 3/13/00
Procedure (Fixed Output Voltage Version) (Continued)
In order to simplify the switching regulator design, a step-by-step design procedure and examples are provided.
Procedure
Example
5. Output Capacitor Selection (COUT)
A. Since the TC2575 is a forward–mode switching regulator
with voltage mode control, its open loop 2-pole-2-zero
frequency characteristic has the dominant pole–pair dete-
rmined by the output capacitor and inductor values.
For stable operation and an acceptable ripple voltage,
(approximately 1% of the output voltage) a value
between 100
µF and 470µF is recommended.
B. Due to the fact that the higher voltage electrolytic
capacitors generally have lower ESR (Equivalent Series
Resistance) numbers, the output capacitor’s voltage
rating should be at least 1.5 times greater than the output
voltage. For a 5.0V regulator, a rating at least 8.0V is
appropriate, and a 10Vor 16V rating is recommended.
5. Output Capacitor Selection (COUT )
A. COUT = 100µF to 470µF standard aluminium
electrolytic.
B. Capacitor voltage rating = 16V.
Procedure (Adjustable Output Version: TC2575-ADJ)
Procedure
Example
Given Parameters:
VOUT = Regulated Output Voltage
VIN (max) = Maximum DC Input Voltage
ILOAD (max) = Maximum Load Current
1. Programming Output Voltage
To select the right programming resistor R1 and R2
value (see Figure 2) use the following formula:
VOUT = VREF
(1.0 + R2 ) where V
REF = 1.23V
R1
Resistor R1 can be between 1.0k
Ω and 5.0kΩ. (For best
temperature coefficient and stability with time, use 1% metal
film resitors).
R2 = R1
( VOUT – 1)
VREF
2. Input Capacitor Selection (CIN )
To prevent large voltage transients from appearing at the
input and for stable operation of the converter, an aluminium
or tantalum electrolytic bypass capacitor is needed between
the input pin +VIN and ground pin GND. This capacitor
should be located close to the IC using short leads. This
capacitor should have a low ESR (Equivalent Series
Resistance) value.
For additional information see input capacitor section in the
“EXTERNAL COMPONENTS” section of this data sheet.
Given Parameters:
VOUT = 8.0V
VIN (max) = 12V
ILOAD (max) = 1.0V
2. Input Capacitor Selection (CIN )
A 100
µF, aluminium electrolytic capacitor located near the
input and ground pin provides sufficient bypassing.
1. Programming Output Voltage (selecting R1 and R2)
Select R1 and R2
VOUT = 1.23
(1.0 + R2 ) Select R1 = 1.8kΩ
R1
R2 = R1
( VOUT – 1.0) = 1.08k ( 8.0V – 1)
VREF
1.23V
R1 = 9.91k
Ω, choose a 9.88kΩ metal film resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com