Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2575 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC2575
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC2575 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
TC2575
TC2575-1 3/13/00
1.0A Step-Down Switching Regulator
ELECTRICAL CHARACTERISTICS: (Unless otherwise specified, VIN = 12V for the 3.3V, 5.0V, and Adjustable
version,VIN = 25V for the 12V version. ILOAD = 200mA. For typical values TJ = 25°C, for min/max values TJ is the operat-
ing junction temperature range that applies (Note 2), unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
TC2575-ALL OUTPUT VOLTAGE VERSIONS
Ib
Feedback Bias Current
VOUT = 5.0V (Adjustable Version Only)
nA
TJ = 25°C
—
25
100
TJ = –40°C to +125°C
—
—
200
fOSC
Oscillator Frequency (Note 3)
TJ = 25°C
—
52
—
kHz
TJ = 0 to +125°C47
—
58
TJ = –40 to +125°C42
—
63
VSAT
Saturation Voltage
IOUT = 1.0A, (Note 4)
V
TJ = 25°C
—
1.0
1.2
TJ = –40 to +125°C
—
—
1.3
DC
Max Duty Cycle (“on”) [Note 5]
94
98
—
%
ICL
Current Limit Peak Current
A
(Notes 3 and 4)
TJ = 25°C
1.7
2.3
3.0
TJ = –40 to +125°C
1.4
—
3.2
IL
Output Leakage Current
mA
(Notes 6 and 7), TJ = 25°C
Output = 0 V
—
0.8
2.0
Output = – 1.0 V
—
6.0
20
IQ
Quiescent Current (Note 6)
mA
TJ = 25°C
—
5.0
9.0
TJ = –40 to +125°C—
—
11
ISTBY
Standby Quiescent Current,
µA
ON/OFF Pin = 5.0 V (“off”)
TJ = 25°C
—
80
200
TJ = –40 to +125°C
—
—
400
VIH
ON/OFF Pin Logic Input Level
V
(Test Figure 2)
VOUT = 0V
TJ = 25°C
2.2
1.4
—
TJ = –40 to +125°C
2.4
—
—
VIL
Nominal Output Voltage
VOUT = Nominal Output Voltage
V
TJ = 25°C
—
1.2
1.0
TJ = –40 to +125°C
—
—
0.8
IIH
ON/OFF Pin Input Current
µA
(Test Figure 2)
ON/OFF Pin = 5.0V (“off”),
—
15
30
TJ = 25°C
IIL
ON/OFF Pin Input Current
ON/OFF Pin = 0V (“on”),
—
0
5.0
µA
TJ = 25°C
NOTES: 3. The oscillator frequency reduces to approximately 18kHz in the event of an output short or an overload which causes the regulated
output voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average power
dissipation of the IC by lowering the minimum duty cycle from 5% down to approximately 2%.
4. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to the output pin.
5. Feedback (Pin 4) removed from output and connected to 0V.
6. Feedback (Pin 4) removed from output and connected to +12V for the Adjustable, 3.3V, and 5.0V versions, and 25V for the 12V,
to force the output transistor "OFF".
7. VIN = 40 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com