Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2575 Datasheet(PDF) 24 Page - TelCom Semiconductor, Inc

Part # TC2575
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575 Datasheet(HTML) 24 Page - TelCom Semiconductor, Inc

Back Button TC2575 Datasheet HTML 17Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 18Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 19Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 20Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 21Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 22Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 23Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 24Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 25Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
TC2575
1.0A Step-Down Switching Regulator
24
TC2575-1 3/13/00
TYPICAL CHARACTERISTICS (Circuit of Figure 2 Cont.)
IL, MAXIMUM LOAD CURRENT (A)
IL, MAXIMUM LOAD CURRENT (A)
0.2
60
0.2
Note: This inductor Value Selection Guide is applicable for continuous mod
200
0.2
60
0.2
60
IL, MAXIMUM LOAD CURRENT (A)
Figure 32. TC2575 (VOUT = 3.3V)
IL, MAXIMUM LOAD CURRENT (A)
Figure 33.TC2575 (VOUT = 5.0V)
Figure 34. TC2575 (VOUT = 12.0V)
Figure 35. TC2575-Adj
H1500
H1000
L680
L470
L330
L150
H1000
L100
L680
L470
L330
L220
L150
H1500
H1000
H680
H470
H680
H2200
H2200
H1500
H1000
H470
L330
L220
L150
L680
L680
L470
L470
L100
L220
L330
40
150
20
25
125
40
15
20
100
30
10
15
80
25
8.0
12
70
20
7.0
10
60
18
6.0
9.0
50
17
8.0
40
16
7.0
20
14
5.0
0.3
0.3
0.3
0.3
0.4
0.4
0.4
0.4
0.5
0.5
0.5
0.5
0.6
0.6
0.6
0.6
0.7
0.7
0.7
0.8
0.8
0.8
0.8
0.9
0.9
0.9
1.0
1.
1.0
1.0
15
30
L220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com