Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2575 Datasheet(PDF) 12 Page - TelCom Semiconductor, Inc

Part # TC2575
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575 Datasheet(HTML) 12 Page - TelCom Semiconductor, Inc

Back Button TC2575 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 13Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 14Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 15Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 16Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
TC2575
1.0A Step-Down Switching Regulator
12
TC2575-1 3/13/00
Table 2. Diode Selection Guide
Schottky
Ultra-Fast Recovery
1.0A
3.0A
1.0A
3.0A
VR
SMT
THT
SMT
THT
SNT
THT
SMT
THT
20V
SK12
1N5817
SK32
1N5820
SR102
MBRD320
MBR320
SR302
30V
MBRS130LT3
1N5818
SK33
1N5821
MURS120T3
SK13
SR103
MBRD330
MBR330
MURS120T3
MUR120
11DQ03
SR30
11DF1
31DQ03
HER102
40V
MBRS140T3
1N5819
MBRS340T3
1N5822
10BF10
MURD320
MUR320
SK14
SR104
MBRD340
MBR340
30WF10
10BQ040
11DQ04
30WQ04
SR304
MUR420
10MQ040
SK34
31DQ04
50V
MBRS150
MBR150
MBRD350
MBR350
31DF1
10BQ050
SR105
SK35
SR305
HER302
11DQ05
30WQ05
11DQ05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com