Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2575 Datasheet(PDF) 18 Page - TelCom Semiconductor, Inc

Part # TC2575
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575 Datasheet(HTML) 18 Page - TelCom Semiconductor, Inc

Back Button TC2575 Datasheet HTML 14Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 15Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 16Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 17Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 18Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 19Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 20Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 21Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 22Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
TC2575
1.0A Step-Down Switching Regulator
18
TC2575-1 3/13/00
Design Recommendations
The same design rules as for the previous inverting
buck–boost converter can be applied. The output capacitor
COUT must be chosen larger than what would be required for
a standard buck converter. Low input voltages or high output
currents require a large value output capacitor (in the range
of thousands of
µF). The recommended range of inductor
values for the negative boost regulator is the same as for
inverting converter design.
Another important point is that these negative boost
converters cannot provide any current limiting load protec-
tion in the event of a short in the output so some other
means, such as a fuse, may be necessary to provide the
load protection.
Delayed Startup
There are some applications, like the inverting regulator
already mentioned above, which require a higher amount of
start-up current. In such cases, if the input power source is
limited, this delayed start-up feature becomes very useful.
To provide a time delay between the time when the input
voltage is applied and the time when the output voltage
comes up, the circuit in Figure 13 can be used. As the input
voltage is applied, the capacitor C1 charges up, and the
voltage across the resistor R2 falls down. When the voltage
on the ON/OFF pin falls below the threshold value 1.4 V, the
regulator starts up. Resistor R1 is included to limit the
maximum voltage applied to the ON/OFF pin. It reduces the
power supply noise sensitivity, and also limits the capacitor
C1 discharge current, but its use is not mandatory.
When a high 50Hz or 60Hz (100Hz or 120Hz respec-
tively) ripple voltage exists, a long delay time can cause
some problems by coupling the ripple into the ON/OFF pin,
the regulator could be switched periodically on and off with
the line (or double) frequency.
Negative Boost Regulator
This example is a variation of the buck–boost topology
and it is called negative boost regulator. This regulator
experiences relatively high switch current, especially at low
input voltages. The internal switch current limiting results in
lower output load current capability.
The circuit in Figure 12 shows the negative boost
configuration. The input voltage in this application ranges
from –5.0 to –12V and provides a regulated –12V output. If
the input voltage is greater than –12V, the output will rise
above –12 V accordingly, but will not damage the regulator.
With the inverting configuration, the use of the ON/OFF
pin requires some level shifting techniques. This is caused
by the fact, that the ground pin of the converter IC is no longer
at ground. Now, the ON/OFF pin threshold voltage (1.4V
approximately) has to be related to the negative output
voltage level. There are many different possible
shutdown methods, two of them are shown in Figures 10
and 11.
Figure 11. Inverting Buck-Boost Regulator Shutdown Circuit Using
a PNP Transistor
NOTE: This picture does not show the complete circuit.
R2
5.6 k
Q1
2N3906
TC2575
1
3
5
GND
ON/OFF
R1
12k
–VOUT
+VIN
Shutdown
Input
Off
On
+V
0
+VIN
CIN
100
µF
Figure 12. Negative Boost Regulator
1N5819
Output
2
4
Feedback
VOUT = –12V
Load Current from
200mA for VIN = –5.2V
to 500mA for VIN –7.0V
VIN
D1
COUT
1000
µF/16V
CIN
100
µF/
50V
TC2575
(12V)
1
5
3
GND
+VIN
Unregulated
DC Input
–VIN = –5.0V to –12V
ON/OFF
L1
150
µH
Regulated
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com