Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2575 Datasheet(PDF) 20 Page - TelCom Semiconductor, Inc

Part # TC2575
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575 Datasheet(HTML) 20 Page - TelCom Semiconductor, Inc

Back Button TC2575 Datasheet HTML 16Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 17Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 18Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 19Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 20Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 21Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 22Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 23Page - TelCom Semiconductor, Inc TC2575 Datasheet HTML 24Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
TC2575
1.0A Step-Down Switching Regulator
20
TC2575-1 3/13/00
Figure 17. Schematic Diagram of the 8.0V at 1.0A Step-Down Converter Using the TC2575-ADJ
D1
1N5819
L1
330mH
L2
25
µH
Output
2
4
Feedback
R2
10k
R1
1.8k
Regulated
Output Filtered
VOUT
VOUT
2 = 8.0V @ 1.0A
Regulated
Output Filtered
= 8.0V @ 1.0A
Unregulated
DC Input
C2
330
µF/16V
C3
100
µF/16V
C1
100
µF
/50V
TC2575-ADJ
1
5
ON/OFF
GND
+VIN
3
+VIN = +10V to + 40V
The TC2576-ADJ Step-Down Voltage Regulator with 8.0V @ 1.0A Output Power Capability.
Typical Application with Through-Hole PC Board Layout
C1 – 100
µF, 63V, Aluminum Electrolytic
C2 – 330
µF, 16V, Aluminum Electrolytic
C3 – 100
µF, 16V, Aluminum Electrolytic
D1 – 1.0A, 40V, Schottky Rectifier, 1N5819
L1 – 330
µH, Tech 39: 77 458 BV, Toroid, Through-Hole, Pin 3 = Start, Pin 7 = Finish
L2 – 25
µH, TDK: SFT52501, Toroid Core, Through-Hole
R1 – 1.8k
R2 – 10k
VOUT = VREF +
( 1.0 + R2)
R1
VREF = 1.23V
R1 is between 1.0k and 5.0k
Figure 16. Adjustable Power Supply with Low Ripple Voltage
D1
1N5819
L1
150
µH
Output
2
4
Feedback
R2
50k
R1
1.1k
L2
20
µH
Output
Voltage
1.2V to 35V @1.0A
Optional Output
Ripple Filter
Unregulated
DC Input
COUT
2200
µF
C1
100
µF
CIN
100
µF/50V
TC2575-ADJ
1
GND
+VIN
5
3
ON/OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com