Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5515ABCPZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5515ABCPZN-R7
Description  Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5515ABCPZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5515ABCPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet
ADRF5515A
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 15
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (VDD) Range
VDD1-CHA, VDD1-CHB, VDD2-CHA, VDD2-CHB,
SWVDD‑CHAB
4.75
5
5.25
V
Control Voltage Range
SWCTRL-CHAB, BP-CHA, BP-CHB, PD-CHAB
0
VDD
V
RF Input Power at ANT-CHA, ANT‑CHB
SWCTRL-CHAB = 5 V, PD-CHAB = 5 V, BP-CHA = BP-CHB = 0
V, TCASE2 = 105°C
Continuous wave
43
dBm
9 dB PAR LTE full lifetime average
43
dBm
7 dB PAR LTE single event (<10 sec) average3
46
dBm
Case Temperature Range (TCASE) 2
−40
+105
°C
Junction Temperature at Maximum TCASE2
Receive operation1
132
°C
Transmit operation1
134
°C
1 See Table 6 and Table 7.
2 Measured at EPAD.
3 PAR > 7 dB has not been validated due to measurement setup limited to a maximum RF power of 53 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com