Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5515ABCPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5515ABCPZN-R7
Description  Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5515ABCPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5515ABCPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
ADRF5515A
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
Integrated dual-channel RF front end
2-stage LNA and high power silicon SPDT switch
On-chip bias and matching
Single-supply operation
High power handling at TCASE = 105°C
LTE average power (9 dB PAR) full lifetime: 43 dBm
Gain
High gain mode: 36 dB typical at 3.6 GHz
Low gain mode: 17 dB typical at 3.6 GHz
Low noise figure
High gain mode: 1.05 dB typical at 3.6 GHz
Low gain mode: 1.05 dB typical at 3.6 GHz
High isolation
RXOUT-CHA and RXOUT-CHB: 47 dB typical
TERM-CHA and TERM-CHB: 75 dB typical
Low insertion loss: 0.5 dB typical at 3.6 GHz
High OIP3: 35 dBm typical
Power-down mode and low gain mode
Low supply current
High gain mode: 95 mA typical at 5 V
Low gain mode: 48 mA typical at 5 V
Power-down mode: 13 mA typical at 5 V
Positive logic control
6 mm × 6 mm, 40-lead LFCSP package
Pin compatible with the ADRF5515 and the ADRF5519, and the
10 W versions, ADRF5545A and ADRF5549
APPLICATIONS
Wireless infrastructure
TDD massive multiple input and multiple output and active
antenna systems
TDD-based communication systems
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADRF5515A is a dual-channel, integrated RF, front-end, mul-
tichip module designed for time division duplexing (TDD) appli-
cations. The device operates from 3.3 GHz to 4.0 GHz. The
ADRF5515A is configured in dual channels with a cascading,
two-stage low noise amplifier (LNA) and a high-power silicon single-
pole, double-throw (SPDT) switch.
In high gain mode, the cascaded two-stage LNA and switch offer a
low noise figure of 1.05 dB and a high gain of 36 dB at 3.6 GHz,
with an output third-order intercept (OIP3) point of 35 dBm (typical).
In low gain mode, one stage of the two-stage LNA is in bypass,
providing 17 dB of gain at a lower current of 48 mA. In power-down
mode, the LNAs are turned off and the device draws 13 mA.
In transmit operation, when RF inputs are connected to a termi-
nation pin (TERM-CHA or TERM-CHB), the switch provides low
insertion loss of 0.5 dB and handles long-term evolution (LTE)
average power (9 dB peak to average ratio (PAR)) of 43 dBm for
full lifetime operation.
The device comes in an RoHS-compliant, compact, 6 mm × 6 mm,
40-lead lead frame chip scale package (LFCSP).


Similar Part No. - ADRF5515ABCPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5515 AD-ADRF5515 Datasheet
410Kb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
11/2020-Revision 0
ADRF5515-EVALZ AD-ADRF5515-EVALZ Datasheet
410Kb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
11/2020-Revision 0
ADRF5515BCPZN AD-ADRF5515BCPZN Datasheet
410Kb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
11/2020-Revision 0
ADRF5515BCPZN-R7 AD-ADRF5515BCPZN-R7 Datasheet
410Kb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
11/2020-Revision 0
ADRF5515BCPZN-RL AD-ADRF5515BCPZN-RL Datasheet
410Kb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
11/2020-Revision 0
More results

Similar Description - ADRF5515ABCPZN-R7

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE7351L SIGE-SE7351L Datasheet
57Kb / 2P
3.3-3.8 GHz Front-End Transceiver
logo
Analog Devices
ADRF5545A AD-ADRF5545A Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
ADRF5515 AD-ADRF5515 Datasheet
410Kb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
11/2020-Revision 0
ADRF5519 AD-ADRF5519 Datasheet
1Mb / 16P
Dual-Channel, 2.3 GHz to 2.8 GHz, 20 W Receiver Front End
4/2021-Revision 0
ADRF5547 AD-ADRF5547 Datasheet
320Kb / 15P
Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
ADRF5549 AD-ADRF5549 Datasheet
325Kb / 15P
Dual-Channel, 1.8 GHz to 2.8 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
ADTR1107 AD-ADTR1107 Datasheet
929Kb / 28P
6 GHz to 18 GHz, Front-End IC
4/2020-Rev. 0 to Rev. A
logo
NXP Semiconductors
BTS7203U NXP-BTS7203U Datasheet
343Kb / 22P
3.3 GHz - 4.2 GHz RX Analog Front-End IC
Rev. 6.1-29 October 2021
logo
Analog Devices
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
logo
NXP Semiconductors
BTS7202U NXP-BTS7202U Datasheet
494Kb / 24P
3.3 GHz – 4.2 GHz RX Front-End Module
Rev. 6 - 2 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com