Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5515ABCPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5515ABCPZN-R7
Description  Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5515ABCPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5515ABCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet
ADRF5515A
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 15
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 4, 7, 9 to 11, 15, 16, 21, 23, 28, 30, 35,
36, 40
GND
Ground.
3
ANT-CHA
RF Input to Channel A.
5
SWCTRL‑CHAB
Control Voltage for Switches on Channel A and Channel B.
6
SWVDD‑CHAB
Supply Voltage for Switches on Channel A and Channel B.
8
ANT-CHB
RF Input to Channel B.
12
TERM-CHB
Termination Output. This pin is the transmitter path for Channel B.
13, 14, 18, 19, 25, 32, 33, 37, 38
NIC
Not Internally Connected. It is recommended to connect NIC to the RF ground of the PCB.
17
VDD1-CHB
Supply Voltage for Stage 1 LNA on Channel B.
20
VDD2-CHB
Supply Voltage for Stage 2 LNA on Channel B.
22
RXOUT-CHB
RF Output. This pin is the receiver path for Channel B. The RXOUT-CHB pin is ac-matched to 50 Ω. No
matching component is required. A dc blocking capacitor is required.
24
BP-CHB
Bypass Second Stage LNA of Channel B.
26
PD-CHAB
Power Down All Stages of LNA for Channel A and Channel B.
27
BP-CHA
Bypass Second Stage LNA of Channel A.
29
RXOUT-CHA
RF Output. This pin is the receiver path for Channel A. The RXOUT-CHA pin is ac matched to 50 Ω. No
matching component is required. A dc blocking capacitor is required.
31
VDD2-CHA
Supply Voltage for Stage 2 LNA on Channel A.
34
VDD1-CHA
Supply Voltage for Stage 1 LNA on Channel A.
39
TERM-CHA
Termination Output. This pin is the transmitter path for Channel A.
EPAD
Exposed Pad. The exposed pad must be connected to RF or dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com