Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5515ABCPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5515ABCPZN-R7
Description  Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5515ABCPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5515ABCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Data Sheet
ADRF5515A
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 14 of 15
To generate the evaluation PCB used in a typical application circuit,
use proper RF circuit design techniques. Signal lines at the RF port
must have a 50 Ω impedance, and the package ground leads and
the backside ground slug must connect directly to the ground plane.
Use 300 Ω series resistors on the BP-CHx and PD-CHAB digital
control pins for glitch and overcurrent protection.
It is possible to tune the ADRF5515A to obtain better return loss
between 3.3 GHz to 3.8 GHz or 3.7 GHz to 4.2 GHz frequency
bands. An additional low impedance RF trace at the TERM-CHx pin
and a shunt capacitor at the ANT-CHx pin allows better return loss
for receive high gain mode, receive low gain mode and transmit
mode at the same time. It is possible to switch frequency bands by
adding/removing the shunt capacitor at the ANT-CHx pin. When the
shunt capacitor at the ANT-CHx pin is mounted, the device is tuned
to the 3.3 GHz to 3.8 GHz frequency band (low band). When the
capacitor is not mounted, the device is tuned to the 3.7 GHz to 4.2
GHz frequency band (high band).
Figure 27. External Matching Topology
The details of the external tuning network can be found in Table
8 and Figure 27. RF trace characteristic impedance and electrical
length can be applied to any different substrate of choice. Also in
Table 8, dimensions for an example grounded coplanar waveguide
implementation with 10 mil Rogers 4350 is shown.
Table 8. Matching Components
Matching Components
ANT-CHx Pin
TERM-CHx Pin
Series RF Trace
Z0 = 50 Ω
Z0 = 40 Ω
E0 =
λ/20 at 3.6
 GHz
E0 =
λ/4 at 3.6
 GHz
Width = 18 mil
Width = 26 mil
Gap = 13 mil
Gap = 13 mil
Length = 100 mil
Length = 500 mil
Shunt Capacitor
Capacitor = 0.3 pF
Not applicable
Low band tuning
Capacitor = do not
insert (DNI)
High band tuning
Simulated return losses for receive high gain mode, receive low
gain mode, and transmit mode are seen in Figure 28 and Figure 29.
For high gain mode, the return loss is better than 15 dB, and for low
gain mode, the return loss is better than 14 dB. For transmit mode,
the return loss is better than 18 dB.
Figure 28. ANT-CHx Return Loss at Receive High Gain and Receive Low Gain
Mode for Low Band and High Band Tuning
Figure 29. ANT-CHx and TERM-CHx Return Loss at Transmit Mode Compared
with and Without External Tuning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com