Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5515ABCPZN-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5515ABCPZN-R7
Description  Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5515ABCPZN-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5515ABCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5515ABCPZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
ADRF5515A
THEORY OF OPERATION
analog.com
Rev. 0 | 13 of 15
The ADRF5515A requires a positive supply voltage applied to the
VDD1-CHA pin, VDD2-CHA pin, VDD1-CHB pin, VDD2-CHB pin,
and SWVDD-CHAB pin. Use bypassing capacitors on the supply
lines to filter noise.
SIGNAL PATH SELECT
The ADRF5515A supports transmit operations when 5 V is applied
to SWCTRL-CHAB. In transmit operation, when an RF input is
applied to ANT-CHA and ANT-CHB, the signal paths are connected
from ANT-CHA to TERM-CHA and from ANT‑CHB to TERM-CHB.
The ADRF5515A supports receive operations when 0 V is applied
to SWCTRL-CHAB. In receive operation, an RF input applied at
ANT-CHA and ANT-CHB connects ANT-CHA to RXOUT-CHA and
ANT-CHB to RXOUT-CHB.
Receive Operation
The ADRF5515A supports high gain mode, low gain mode, power-
down high isolation mode, and power-down low isolation mode in
receive operation, as detailed in Table 7.
When 0 V is applied to PD-CHAB, the LNA is powered up and the
user can select high gain mode or low gain mode. To select high
gain mode, apply 0 V to BP-CHA or BP-CHB. To select low gain
mode, apply 5 V to BP-CHA or BP-CHB.
When 5 V is applied to PD-CHAB, the ADRF5515A enters power-
down mode. To select power-down high isolation mode, apply 0 V
to BP-CHA or BP-CHB. To select power-down low isolation mode,
apply 5 V to BP-CHA or BP-CHB.
BIASING SEQUENCE
To bias up the ADRF5515A, perform the following steps:
1. Connect any GND pin to ground.
2. Bias up VDD1-CHA, VDD2-CHA, VDD1-CHB, VDD2-CHB, and
SWVDD-CHAB.
3. Bias up SWCTRL-CHAB.
4. Bias up PD-CHAB.
5. Bias up BP-CHA and BP-CHB.
6. Apply an RF input signal.
To bias down, perform these steps in the reverse order.
Table 6. Truth Table: Signal Path
SWCTRL-CHAB
Signal Path Select
Transmit Operation1
Receive Operation
Low
Off
On
High
On
Off
1 See the signal path descriptions in Table 7.
Table 7. Truth Table: Receive Operation, SWCTRL-CHAB = 0 V
Operation
PD-CHAB
BP-CHA, BP-CHB
Signal Path
Receive Operation
ANT-CHA to RXOUT-CHA, ANT-CHB to RXOUT-CHB
High Gain Mode
Low
Low
Low Gain Mode
Low
High
Power-Down High Isolation Mode
High
Low
Power-Down Low Isolation Mode
High
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com