Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9850VF Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC9850VF
Description  Clock Generator for PowerQUICC III
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9850VF Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC9850VF Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
3
MPC9850
Table 2. Function Table
Control
Default
0
1
REF_CLK_SEL
0
CLK
PCLK
REF_SEL
0
CLK or PCLK
XTAL
PLL_BYPASS
0
Normal
Bypass
REF_33MHz
0
Selects 25 MHz Reference
Selects 33 MHz Reference
MR
1
Reset
Normal
CLK_A, CLK_B, and RIO_C control output frequencies. See Table 3 and Table 4 for specific device configuration
Table 3. Output Configurations (Banks A & B)
CLK_x[0:5](1)
1. PowerPC bit ordering (bit 0 = msb, bit 5 = lsb)
CLK_x[0]
(msb)
CLK_x[1]
CLK_x[2]
CLK_x[3]
CLK_x[4]
CLK_x[5]
(lsb)
N
Frequency
(MHz)
111111
111111
126
15.87
111100
111100
120
16.67
101000
101000
80
25.00
011110
011110
60
33.33
010100
010100
40
50.00
001111
001111
30
66.67
001100
001100
24
83.33
001010
001010
20
100.00
001001
001001
18
111.11
001000
001000
16
125.00
000111
000111
15
133.33
000110
000110
12
166.67
000101
000101
10
200.00
000100
000100
8(2)
2. Minimum value for N
250
Table 4. Output Configurations (Bank C)
RIO_C[0:1]
Frequency (MHz)
00
50 (test output)
01
125
10
250
11
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com