Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9850VF Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC9850VF
Description  Clock Generator for PowerQUICC III
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9850VF Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC9850VF Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MPC9850
Rev 5, 4/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Clock Generator for PowerQUICC III
The MPC9850 is a PLL based clock generator specifically designed for
Freescale Microprocessor and Microcontroller applications including the
PowerQUICC III. This device generates a microprocessor input clock plus the
500 MHz Rapid I/O clock. The microprocessor clock is selectable in output
frequency to any of the commonly used microprocessor input and bus
frequencies. The Rapid I/O outputs are LVDS compatible. The device offers eight
low skew clock outputs organized into two output banks, each configurable to
support different clock frequencies. The extended temperature range of the
MPC9850 supports telecommunication and networking requirements.
Features
•
8 LVCMOS outputs for processor and other circuitry
•
2 differential LVDS outputs for Rapid I/O interface
•
Crystal oscillator or external reference input
•
25 or 33 MHz Input reference frequency
•
Selectable output frequencies include = 200, 166, 133,125, 111, 100, 83, 66,
50, 33 or 16 MHz
•
Buffered reference clock output
•
Rapid I/O (LVDS) Output = 500, 250 or 125 MHz
•
Low cycle-to-cycle and period jitter
•
100-lead PBGA package
•
100-lead Pb-free Package Available
•
3.3V supply with 3.3V or 2.5V output LVCMOS drive
•
Supports computing, networking, telecommunications applications
•
Ambient temperature range –40°C to +85°C
Functional Description
The MPC9850 uses either a 25 or 33 MHz reference frequency to generate 8 LVCMOS output clocks, of which, the frequency
is selectable from 16 MHz to 200 MHz. The reference is applied to the input of a PLL and multiplied to 2 GHz. Output dividers,
divide this frequency by 10, 12, 15, 16, 18, 20, 24, 30, 40, 60 or 120 to produce output frequencies of 200, 166, 133, 125, 111,
100, 83 66 50 33 or 16 MHz. The single-ended LVCMOS outputs are divided into two banks of 4 low skew outputs each, for use
in driving a microprocessor or microcontroller clock input as well as other system components. The 2 GHz PLL output frequency
is also divided to produce a 125, 250 or 500 MHz clock output for Rapid I/O applications such as found on the PowerQUICC III
communications processor. The input reference, either crystal or external input is also buffered to a separate output that my be
used as the clock source for a Gigabit Ethernet PHY if desired.
The reference clock may be provided by either an external clock input of 25 MHz or 33 MHz. An internal oscillator requiring a
25 MHz crystal for frequency control may also be used. The external clock source my be applied to either of two clock inputs and
selected via the CLK_SEL control input. Both single ended LVCMOS and differential LVPECL inputs are available. The crystal
oscillator or external clock input is selected via the input pin of REF_SEL. Other than the crystal, no external components are
required for crystal oscillator operation. The REF_33MHz configuration pins is used to select between a 33 and 25 MHz input
frequency.
The MPC9850 is packaged in a 100 lead MAPBGA package to optimize both performance and board density.
MPC9850
MICROPROCESSOR
CLOCK GENERATOR
SCALE 2 1
VF SUFFIX
VM SUFFIX (PB-FREE)
100 MAPBGA PACKAGE
CASE 1462-01


Similar Part No. - MPC9850VF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
Clock Generator for PowerQUICC and PowerPC Microprocessors
More results

Similar Description - MPC9850VF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
logo
Cypress Semiconductor
C9851 CYPRESS-C9851 Datasheet
122Kb / 14P
Clock Generator for Pentium III Server and Workstation Applications
C9630 CYPRESS-C9630 Datasheet
185Kb / 18P
PC133 Clock Generator for SiS630/Pentium III & SiS540/Socket7 Applications
logo
Freescale Semiconductor...
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
PowerQUICC III Integrated Processor Hardware Specifications
logo
Integrated Device Techn...
XC9850 IDT-XC9850 Datasheet
322Kb / 10P
Clock Generator for PowerQUICC III
logo
Freescale Semiconductor...
MPC8569E FREESCALE-MPC8569E Datasheet
2Mb / 127P
MPC8569E PowerQUICC III
MPC8548CVTAQGD FREESCALE-MPC8548CVTAQGD Datasheet
250Kb / 2P
MPC8548E PowerQUICC??III Processor Family
logo
Renesas Technology Corp
MPC9824 RENESAS-MPC9824 Datasheet
456Kb / 13P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2019
MPC9817 RENESAS-MPC9817 Datasheet
283Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com