Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9850VF Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC9850VF
Description  Clock Generator for PowerQUICC III
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9850VF Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC9850VF Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
7
MPC9850
Figure 4. MPC9850 AC Test Reference (LVDS Outputs)
Figure 5. MPC9850 AC Test Reference (LVCMOS Outputs)
Table 11. AC Characteristics (VDD = 3.3 V ± 5%, VDDOA = 3.3 V ± 5%,VDDOB = 3.3 V ± 5%, TA= –40°C to +85°C)(1) (2)
1. AC characteristics are design targets and pending characterization.
2. AC characteristics apply for parallel output termination of 50
Ω to VTT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
Input and Output Timing Specification
fref
Input Reference Frequency (25 MHz input)
Input Reference Frequency (33 MHz input)
XTAL Input
Input Reference Frequency in PLL Bypass Mode(3)
3. In bypass mode, the MPC9850 divides the input reference clock.
25
33
25
250
MHz
MHz
MHz
MHz
PLL bypass
fVCO
VCO Frequency Range(4)
4. The input reference frequency must match the VCO lock range divided by the total feedback divider ratio: fref = (fVCO ÷ M) ⋅ N.
2000
MHz
fMCX
Output Frequency
Bank A output
Bank B output
Bank C output
15.87
15.87
50
200
200
500
MHz
MHz
MHz
PLL locked
frefPW
Reference Input Pulse Width
2
ns
frefCcc
Input Frequency Accuracy
100
ppm
tr, tf
Output Rise/Fall Time
150
500
ps
20% to 80%
DC
Output Duty Cycle
43
47
50
50
57
53
%
Bank A and B
Bank C
PLL Specifications
tLOCK
Maximum PLL Lock Time
10
ms
treset_ref
MR Hold Time on Power Up
10
ns
treset_pulse
MR Hold Time
10
ns
Skew and Jitter Specifications
tsk(O)
Output-to-Output Skew (within a bank)
50
ps
tsk(O)
Output-to-Output Skew (across banks A and B)
400
ps
VDDOA = 3.3 V
VDDOB = 3.3 V
tJIT(CC)
Cycle-to-Cycle Jitter
200
150
ps
ps
Bank A and B
Bank C
tJIT(PER)
Period Jitter
200
ps
Bank A and C
tJIT(∅)
I/O Phase Jitter
RMS (1
σ)
50
ps
Bank A and C
Pulse
Generator
Z = 50
Ω
RT = 50Ω
ZO = 50Ω
DUT MPC9850
VTT
RT = 100Ω
ZO = 50Ω
Pulse
Generator
Z = 50
Ω
RT = 50Ω
ZO = 50Ω
DUT MPC9850
VTT
ZO = 50Ω
RT = 50Ω
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com