Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9850VF Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC9850VF
Description  Clock Generator for PowerQUICC III
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9850VF Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC9850VF Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Advanced Clock Drivers Devices
2
Freescale Semiconductor
MPC9850
Figure 1. MPC9850 Logic Diagram
Table 1. Pin Configurations
Pin
I/O
Type
Function
Supply
Active/State
CLK
Input
LVCMOS
PLL Reference Clock Input (pull-down)
VDD
PCLK, PCLK
Input
LVPECL
PLL Reference Clock Input (PCLK - pull-down, PCLK - pull-up and
pull-down)
VDD
QA0, QA1, QA2, QA3 Output
LVCMOS
Bank A Outputs
VDDOA
QB0, QB1, QB2, QB3 Output
LVCMOS
Bank B Outputs
VDDOB
QC0, QC1, QC0,
QC1
Output
LVDS
Bank C Outputs
VDDOC
REF_OUT
Output
LVCMOS
Reference Output (25 MHz or 33 MHz)
VDD
XTAL_IN
Input
LVCMOS
Crystal Oscillator Input Pin
VDD
XTAL_OUT
Output
LVCMOS
Crystal Oscillator Output Pin
VDD
REF_CLK_SEL
Input
LVCMOS
Select between CLK and PCLK Input (pull-down)
VDD
High
REF_SEL
Input
LVCMOS
Select between External Input and Crystal Oscillator Input (pull-down) VDD
High
REF_33MHz
Input
LVCMOS
Selects 33 MHz Input (pull-down)
VDD
High
MR
Input
LVCMOS
Master Reset (pull-up)
VDD
Low
PLL_BYPASS
Input
LVCMOS
Select PLL or static test mode (pull-down)
VDD
High
CLK_A[0:5](1)
1. PowerPC bit ordering (bit 0 = msb, bit 5 = lsb)
Input
LVCMOS
Configures Bank A clock output frequency (pull-up)
VDD
High
CLK_B[0:5](2)
2. PowerPC bit ordering (bit 0 = msb, bit 5 = lsb)
PowerPC bit ordering (bit 0 = msb, bit 1 = lsb)
Input
LVCMOS
Configures Bank B clock output frequency (pull-up)
VDD
High
RIO_C [0:1]
Input
LVCMOS
Configures Bank C clock output frequency (pull-down)
VDD
VDD
3.3 V Supply
VDDA
Analog Supply
VDDOA
Supply for Output Bank A
VDDOB
Supply for Output Bank B
VDDOC
Supply for Output Bank C
GND
Ground
÷N
÷4, 8, 16, 40
QC0
PCLK
PCLK
CLK
REF_CLK_SEL
XTAL_IN
XTAL_OUT
REF_SEL
PLL_BYPASS
REF_33MHz
CLK_A[0:5]
CLK_B[0:5]
RIO_C[0:1]
MR
QC1
REF_OUT
QC1
QC0
QB3
QB2
QB1
QB0
QA3
QA2
QA1
QA0
÷N
PLL
2000 MHz
Ref
OSC
0
1
0
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com